Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 293 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 293 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 289Page - National Semiconductor (TI) SC2200 Datasheet HTML 290Page - National Semiconductor (TI) SC2200 Datasheet HTML 291Page - National Semiconductor (TI) SC2200 Datasheet HTML 292Page - National Semiconductor (TI) SC2200 Datasheet HTML 293Page - National Semiconductor (TI) SC2200 Datasheet HTML 294Page - National Semiconductor (TI) SC2200 Datasheet HTML 295Page - National Semiconductor (TI) SC2200 Datasheet HTML 296Page - National Semiconductor (TI) SC2200 Datasheet HTML 297Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 433 page
background image
Revision 3.0
293
www.national.com
Core Logic Module (Continued)
Offset 14h-17h
HcInterruptDisable Register (R/W)
Reset Value = 00000000h
31
MasterInterruptEnable. Global interrupt disable. A write of 1 disables all interrupts.
30
OwnershipChangeEnable.
0: Ignore.
1: Disable interrupt generation due to Ownership Change.
29:7
Reserved. Read/Write 0s.
6
RootHubStatusChangeEnable.
0: Ignore.
1: Disable interrupt generation due to Root Hub Status Change.
5
FrameNumberOverflowEnable.
0: Ignore.
1: Disable interrupt generation due to Frame Number Overflow.
4
UnrecoverableErrorEnable. This event is not implemented. All writes to this bit will be ignored.
3
ResumeDetectedEnable.
0: Ignore.
1: Disable interrupt generation due to Resume Detected.
2
StartOfFrameEnable.
0: Ignore.
1: Disable interrupt generation due to Start of Frame.
1
WritebackDoneHeadEnable.
0: Ignore.
1: Disable interrupt generation due to Writeback Done Head.
0
SchedulingOverrunEnable.
0: Ignore.
1: Disable interrupt generation due to Scheduling Overrun.
Note:
Writing a 1 to a bit in this register clears the corresponding bit, while writing a 0 to a bit leaves the bit unchanged.
Offset 18h-1Bh
HcHCCA Register (R/W)
Reset Value = 00000000h
31:8
HCCA. Pointer to HCCA base address.
7:0
Reserved. Read/Write 0s.
Offset 1Ch-1Fh
HcPeriodCurrentED Register (R/W)
Reset Value = 00000000h
31:4
PeriodCurrentED. Pointer to the current Periodic List ED.
3:0
Reserved. Read/Write 0s.
Offset 20h-23h
HcControlHeadED Register (R/W)
Reset Value = 00000000h
31:4
ControlHeadED. Pointer to the Control List Head ED.
3:0
Reserved. Read/Write 0s.
Offset 24h-27h
HcControlCurrentED Register (R/W)
Reset Value = 00000000h
31:4
ControlCurrentED. Pointer to the current Control List ED.
3:0
Reserved. Read/Write 0s.
Offset 28h-2Bh
HcBulkHeadED Register (R/W)
Reset Value = 00000000h
31:4
BulkHeadED. Pointer to the Bulk List Head ED.
3:0
Reserved. Read/Write 0s.
Table 5-42. USB_BAR+Memory Offset: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com