Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 300 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 300 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 296Page - National Semiconductor (TI) SC2200 Datasheet HTML 297Page - National Semiconductor (TI) SC2200 Datasheet HTML 298Page - National Semiconductor (TI) SC2200 Datasheet HTML 299Page - National Semiconductor (TI) SC2200 Datasheet HTML 300Page - National Semiconductor (TI) SC2200 Datasheet HTML 301Page - National Semiconductor (TI) SC2200 Datasheet HTML 302Page - National Semiconductor (TI) SC2200 Datasheet HTML 303Page - National Semiconductor (TI) SC2200 Datasheet HTML 304Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 433 page
background image
www.national.com
300
Revision 3.0
Core Logic Module (Continued)
3
IRQEn. When set, the HC generates IRQ1 or IRQ12 as long as the OutputFull bit in HceStatus is set to 1. If the AuxOut-
putFull bit of HceStatus is 0, IRQ1 is generated: if 1, then an IRQ12 is generated.
2
CharacterPending. When set, an emulation interrupt will be generated when the OutputFull bit of the HceStatus register is
set to 0.
1
EmulationInterrupt (Read Only). This bit is a static decode of the emulation interrupt condition.
0
EmulationEnable. When set to 1 the HC is enabled for legacy emulation and will decode accesses to I/O registers 60h
and 64h and generate IRQ1 and/or IRQ12 when appropriate. The HC also generates an emulation interrupt at appropriate
times to invoke the emulation software.
Note:
This register is used to enable and control the emulation hardware and report various status information.
Offset 104h-107h
HceInput Register (R/W)
Reset Value = 000000xxh
31:8
Reserved. Read/Write 0s.
7:0
InputData. This register holds data written to I/O ports 60h and 64h.
Note:
This register is the emulation side of the legacy Input Buffer register.
Offset 108h-10Bh
HceOutput Register (R/W)
Reset Value = 000000xxh
31:8
Reserved. Read/Write 0s.
7:0
OutputData. This register hosts data that is returned when an I/O read of port 60h is performed by application software.
Note:
This register is the emulation side of the legacy Output Buffer register where keyboard and mouse data is to be written by soft-
ware.
Offset 10Ch-10Fh
HceStatus Register (R/W)
Reset Value = 00000000h
31:8
Reserved. Read/Write 0s.
7
Parity. Indicates parity error on keyboard/mouse data.
6
Timeout. Used to indicate a timeout
5
AuxOutputFull. IRQ12 is asserted whenever this bit is set to 1 and OutputFull is set to 1 and the IRQEn bit is set.
4
Inhibit Switch. This bit reflects the state of the keyboard inhibit switch and is set if the keyboard is NOT inhibited.
3
CmdData. The HC will set this bit to 0 on an I/O write to port 60h and on an I/O write to port 64h the HC will set this bit to 1.
2
Flag. Nominally used as a system flag by software to indicate a warm or cold boot.
1
InputFull. Except for the case of a Gate A20 sequence, this bit is set to 1 on an I/O write to address 60h or 64h. While this
bit is set to 1 and emulation is enabled, an emulation interrupt condition exists.
0
OutputFull. The HC will set this bit to 0 on a read of I/O port 60h. If IRQEn is set and AuxOutputFull is set to 0 then an
IRQ1 is generated as long as this bit is set to 1. If IRQEn is set and AuxOutputFull is set to 1 then and IRQ12 will be gen-
erated a long as this bit is set to 1. While this bit is 0 and CharacterPending in HceControl is set to 1, an emulation inter-
rupt condition exists.
Note:
This register is the emulation side of the legacy Status register.
Table 5-42. USB_BAR+Memory Offset: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com