Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 301 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 301 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 297Page - National Semiconductor (TI) SC2200 Datasheet HTML 298Page - National Semiconductor (TI) SC2200 Datasheet HTML 299Page - National Semiconductor (TI) SC2200 Datasheet HTML 300Page - National Semiconductor (TI) SC2200 Datasheet HTML 301Page - National Semiconductor (TI) SC2200 Datasheet HTML 302Page - National Semiconductor (TI) SC2200 Datasheet HTML 303Page - National Semiconductor (TI) SC2200 Datasheet HTML 304Page - National Semiconductor (TI) SC2200 Datasheet HTML 305Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 433 page
background image
Revision 3.0
301
www.national.com
Core Logic Module (Continued)
5.4.7
ISA Legacy Register Space
The ISA Legacy registers reside in the ISA I/O address
space in the address range from 000h to FFFh and are
accessed through typical input/output instructions (i.e.,
CPU direct R/W) with the designated I/O port address and
8-bit data.
The bit formats for the ISA Legacy I/O Registers plus two
chipset-specific configuration registers used for interrupt
mapping in the Core Logic module are given in this section.
The ISA Legacy registers are separated into the following
categories:
• DMA Channel Control Registers, see Table 5-43
• DMA Page Registers, see Table 5-44
• Programmable Interval Timer Registers, see Table 5-45
• Programmable Interrupt Controller Registers, see Table
5-46
• Keyboard Controller Registers, see Table 5-47
• Real-Time Clock Registers, see Table 5-48
• Miscellaneous Registers, see Table 5-49 (includes 4D0h
and 4D1h Interrupt Edge/Level Select Registers)
Table 5-43. DMA Channel Control Registers
Bit
Description
I/O Port 000h
DMA Channel 0 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 001h
DMA Channel 0 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 002h
DMA Channel 1 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 003h
DMA Channel 1 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 004h
DMA Channel 2 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 005h
DMA Channel 2 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 006h
DMA Channel 3 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 007h
DMA Channel 3 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 008h (R/W)
Read
DMA Status Register, Channels 3:0
7
Channel 3 Request. Indicates if a request is pending.
0: No.
1: Yes.
6
Channel 2 Request. Indicates if a request is pending.
0: No.
1: Yes.
5
Channel 1 Request. Indicates if a request is pending.
0: No.
1: Yes.
4
Channel 0 Request. Indicates if a request is pending.
0: No.
1: Yes.
3
Channel 3 Terminal Count. Indicates if TC was reached.
0: No.
1: Yes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com