Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 157Page - National Semiconductor (TI) SC2200 Datasheet HTML 158Page - National Semiconductor (TI) SC2200 Datasheet HTML 159Page - National Semiconductor (TI) SC2200 Datasheet HTML 160Page - National Semiconductor (TI) SC2200 Datasheet HTML 161Page - National Semiconductor (TI) SC2200 Datasheet HTML 162Page - National Semiconductor (TI) SC2200 Datasheet HTML 163Page - National Semiconductor (TI) SC2200 Datasheet HTML 164Page - National Semiconductor (TI) SC2200 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 433 page
background image
Revision 3.0
161
www.national.com
Core Logic Module (Continued)
Figure 5-6. PCI Change to Sub-ISA and Back
5.2.6
AT Compatibility Logic
The Core Logic module integrates:
• Two 8237-equivalent DMA controllers with full 32-bit
addressing
• Two 8259A-equivalent interrupt controllers providing 13
individually programmable external interrupts
• An 8254-equivalent timer for refresh, timer, and speaker
logic
• NMI control and generation for PCI system errors and all
parity errors
• Support for standard AT keyboard controllers
• Positive decode for the AT I/O register space
• Reset control
5.2.6.1
DMA Controller
The Core Logic module supports industry standard DMA
architecture using two 8237-compatible DMA controllers in
cascaded configuration. The DMA functions supported by
the Core Logic module include:
• Standard seven-channel DMA support
• 32-bit address range support via high page registers
• IOCHRDY extended cycles for compatible timing trans-
fers
• Internal Sub-ISA bus master device support using
cascade mode
• NMI control and generation for PCI system errors and all
parity errors.
Note:
DMA interface signals are not available externally.
DMA Controllers
The Core Logic module supports seven DMA channels
using two standard 8237-equivalent controllers. DMA Con-
troller 1 contains Channels 0 through 3 and supports 8-bit
I/O adapters. These channels are used to transfer data
between 8-bit peripherals and PCI memory or 8/16-bit ISA
memory. Using the high and low page address registers, a
full 32-bit PCI address is output for each channel so they
can all transfer data throughout the entire 4 GB system
address space. Each channel can transfer data in 64 KB
pages.
DMA Controller 2 contains Channels 4 through 7. Channel
4isusedtocascade DMA Controller 1,soitisnot available
externally. Channels 5 through 7 support 16-bit I/O adapt-
ers to transfer data between 16-bit I/O adapters and 16-bit
system memory. Using the high and low page address reg-
isters, a full 32-bit PCI address is output for each channel
so they can all transfer data throughout the entire 4 GB
system address space. Each channel can transfer data in
128 KB pages. Channels 5, 6, and 7 transfer 16-bit
WORDs on even byte boundaries only.
DMA Transfer Modes
Each DMA channel can be programmed for
single, block,
demand or cascade transfer modes. In the most commonly
used mode,
single transfer mode, one DMA cycle occurs
per DRQ and the PCI bus is released after every cycle.
This allows the Core Logic module to timeshare the PCI
bus with the GX1 module. This is imperative, especially in
cases involving large data transfers, because the GX1
module gets locked out for too long.
FRAME#
TRDY#, IRDY#
GNT[x]
ROMCS#, DOCCS#,
PCI
Sub-ISA
TCS
TCP
DEVSEL#,STOP#
PAR,
PCI
AD[31:0],
C/BE[3:0]#
pull-up
IOCS0#, IOCS1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com