Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 153Page - National Semiconductor (TI) SC2200 Datasheet HTML 154Page - National Semiconductor (TI) SC2200 Datasheet HTML 155Page - National Semiconductor (TI) SC2200 Datasheet HTML 156Page - National Semiconductor (TI) SC2200 Datasheet HTML 157Page - National Semiconductor (TI) SC2200 Datasheet HTML 158Page - National Semiconductor (TI) SC2200 Datasheet HTML 159Page - National Semiconductor (TI) SC2200 Datasheet HTML 160Page - National Semiconductor (TI) SC2200 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 433 page
background image
Revision 3.0
157
www.national.com
Core Logic Module (Continued)
5.2.5.1
Sub-ISA Bus Cycles
The ISA bus controller issues multiple ISA cycles to satisfy
PCI transactions that are larger than 16 bits. A full 32-bit
read or write results in two 16-bit ISA transactions or four 8-
bit ISA transactions. The ISA controller gathers the data
from multiple ISA read cycles and returns TRDY# to the
PCI bus.
SA[23:0] are a concatenation of ISA LA[23:17] and
SA[19:0] and perform equivalent functionality at a reduced
pin count.
Figure 5-2 shows the relationship between a PCI cycle and
the corresponding ISA cycle generated.
Note:
Not all signals described in Figure 5-2 are available
externally. See Section 2.4.7 "Sub-ISA Interface
Signals" on page 66 for more information about
which Sub-ISA signals are externally available on
the SC2200.
5.2.5.2
Sub-ISA Support of Delayed PCI Transactions
Multiple PCI cycles occur for every slower ISA cycle. This
prevents slow PCI cycles from occupying too much band-
width and allows access to other PCI traffic. Figure 5-3 on
page 158 shows the relationship of PCI cycles to an ISA
cycle with PCI delayed transactions enabled.
Figure 5-2. Non-Posted Fast-PCI to ISA Access
Fast-PCI_CLK
ISACLK
FRAME#
IRDY#
TRDY#
AD[31:0] (Read)
RD#,WR#,IOR#,IOW#
AD[31:0] (Write)
BALE
STOP#
MEMR#,MEMW#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com