Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 149Page - National Semiconductor (TI) SC2200 Datasheet HTML 150Page - National Semiconductor (TI) SC2200 Datasheet HTML 151Page - National Semiconductor (TI) SC2200 Datasheet HTML 152Page - National Semiconductor (TI) SC2200 Datasheet HTML 153Page - National Semiconductor (TI) SC2200 Datasheet HTML 154Page - National Semiconductor (TI) SC2200 Datasheet HTML 155Page - National Semiconductor (TI) SC2200 Datasheet HTML 156Page - National Semiconductor (TI) SC2200 Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 433 page
background image
Revision 3.0
153
www.national.com
Core Logic Module (Continued)
5.2.3
IDE Controller
The Core Logic module integrates a PCI bus mastering,
ATA-4 compatible IDE controller. This controller supports
UltraDMA, Multiword DMA and Programmed I/O (PIO)
modes. Two devices are supported on the IDE controller.
The data-transfer speed for each device can be indepen-
dently programmed. This allows high-speed IDE peripher-
als to coexist on the same channel as lower speed devices.
The Core Logic module supports two IDE channels, a pri-
mary channel and a secondary channel.
The IDE interface provides a variety of features to optimize
system performance, including 32-bit disk access, post
write buffers, bus master, Multiword DMA, look-ahead read
buffer, and prefetch mechanism for each channel respec-
tively.
The IDE interface timing is completely programmable. Tim-
ing control covers the command active and recover pulse
widths, and command block register accesses. The IDE
data-transfer speed for each device on each channel can
be independently programmed allowing high-speed IDE
peripherals to coexist on the same channel as older, com-
patible devices.
The Core Logic module also provides a software accessi-
ble buffered reset signal to the IDE drive, F0 Index
44h[3:2]. The IDE_RST# signal is driven low during reset to
the Core Logic module and can be driven low or high as
needed for device-power-off conditions.
5.2.3.1
IDE Configuration Registers
Registers for configuring Channels 0 and 1 are located in
the PCI register space designated as Function 2 (F2 Index
40h-5Ch). Table 5-35 on page 262 provides the bit formats
for these registers. The IDE bus master configuration regis-
ters are accessed via F2 Index 20h which is Base Address
Register 4inFunction2(F2BAR4).See Table5-36on
page 266 for register/bit formats.
The following subsections discuss Core Logic opera-
tional/programming details concerning PIO, Bus Master,
and UltraDMA/33 modes.
5.2.3.2
PIO Mode
The IDE data port transaction latency consists of address
latency, asserted latency and recovery latency. Address
latency occurs when a PCI master cycle targeting the IDE
data port is decoded, and the IDE_ADDR[2:0] and
IDE_CS# lines are not set up. Address latency provides the
setup time for the IDE_ADDR[2:0] and IDE_CS# lines prior
to IDE_IOR# and IDE_IOW#.
Asserted latency consists of the I/O command strobe
assertion length and recovery time. Recovery time is pro-
vided so that transactions may occur back-to-back on the
IDE interface without violating minimum cycle periods for
the IDE interface.
If IDE_IORDY is asserted when the initial sample point is
reached, no wait states are added to the command strobe
assertion length. If IDE_IORDY is negated when the initial
sample point is reached, additional wait states are added.
Recovery latency occurs after the IDE data port transac-
tions have completed. It provides hold time on the
IDE_ADDR[2:0] and IDE_CS# lines with respect to the
read and write strobes (IDE_IOR# and IDE_IOW#).
The PIO portion of the IDE registers is enabled through:
• Channel 0 Drive 0 Programmed I/O Register
(F2 Index 40h)
• Channel 0 Drive 1 Programmed I/O Register
(F2 Index 48h)
• Channel 1 Drive 0 Programmed I/O Register
(F2 Index 50h)
• Channel 1 Drive 1 Programmed I/O Register
(F2 Index 58h)
The IDE channels and devices can be individually pro-
grammed to select the proper address setup time, asserted
time, and recovery time.
The bit formats for these registers are shown in Table 5-35
on page 262. Note that there are different bit formats for
each of the PIO programming registers depending on the
operating format selected: Format 0 or Format 1:
• F2 Index 44h[31] (Channel 0 Drive 0 — DMA Control
Register) sets the format of the PIO register.
— If bit 31 = 0, Format 0 is used and it selects the
slowest PIO mode (bits [19:16]) per channel for
commands.
— If bit 31 = 1, Format 1 is used and it allows indepen-
dent control of command and data.
Also listed in the bit formats are recommended values for
the different PIO modes. Note that these are only recom-
mended settings and are not 100% tested.
When using independent control of command and data
cycles the following algorithm should be used when two
IDE devices are sharing the same channel:
1)
ThePIO data cycletimingfor aparticulardevicecan
be the timing value for the maximum PIO mode which
that device reports it supports.
2)
The PIO command cycle timing for a particular device
must be the timing value for the lowest PIO mode for
both devices on the channel.
For example, if a channel had one Mode 4 device and one
Mode 0 device, then the Mode 4 device would have com-
mand timings for Mode 0 and data timing for Mode 4. The
Mode 0 device would have both command and data timings
for Mode 0. Note that for the Mode 0 case, the 32-bit timing
value is listed because both data and command timings are
thesamemode. However, theactualtiming value forthe
Mode 4 device would be constructed out of the Mode 4
data timing 16-bit value and the Mode 0 16-bit command
timing value. Both 16-bit values are shown in the register
description but not assembled together as they are mixed
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com