Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 145Page - National Semiconductor (TI) SC2200 Datasheet HTML 146Page - National Semiconductor (TI) SC2200 Datasheet HTML 147Page - National Semiconductor (TI) SC2200 Datasheet HTML 148Page - National Semiconductor (TI) SC2200 Datasheet HTML 149Page - National Semiconductor (TI) SC2200 Datasheet HTML 150Page - National Semiconductor (TI) SC2200 Datasheet HTML 151Page - National Semiconductor (TI) SC2200 Datasheet HTML 152Page - National Semiconductor (TI) SC2200 Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 433 page
background image
Revision 3.0
149
www.national.com
SuperI/O Module (Continued)
06h
RFRML(L)/
RFRCC(L)
RFRML[7:0] / RFRCC[7:0] (Low Byte Data)
07h
RFRML(H)/
RFRCC(H)
RSVD
RFRML[12:8] / RFRCC[12:8] (High Byte Data)
Table 4-59. Bank 4 Bit Map (Continued)
Register
Bits
Offset
Name
7
654
32
10
Table 4-60. Bank 5 Bit Map
Register
Bits
Offset
Name
7
654
32
10
00h
SPR2
Scratchpad 2
01h
SPR3
Scratchpad 2
02h
RSVD
RSVD
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h
IRCR2
RSVD
SFTSL
FEND_MD
AUX_IRRX
TX_MS
MDRS
IRMSSL
IR_FDPLX
05h
FRM_ST
VLD
LOST_FR
RSVD
MAX_LEN
PHY_ERR
BAD_CRC
OVR1
OVR2
06h
RFRL(L)/
LSTFRC
RFRL[7:0] (Low Byte Data) / LSTFRC[7:0]
07h
RFRL(H)
RFRL[15:8] (High Byte Data)
Table 4-61. Bank 6 Bit Map
Register
Bits
Offset
Name
7
654
32
10
00h
IRCR3
SHDM_DS
SHMD_DS
FIR_CRC
MIR_CRC
RSVD
TXCRC_INV TXCRC_DS
RSVD
01h
MIR_PW
RSVD
MPW[3:0]
02h
SIR_PW
RSVD
SPW[3:0]
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h
BFPL
MBF[3:0]
FPL[3:0]
05h-07h
RSVD
RSVD
Table 4-62. Bank 7 Bit Map
Register
Bits
Offset
Name
7
654
32
10
00h
IRRXDC
DBW[2:0]
DFR[4:0]
01h
IRTXMC
MCPW[2:0]
MCFR[4:0]
02h
RCCFG
R_LEN
T_OV
RXHSC
RCDM_DS
RSVD
TXHSC
RC_MMD[1:0]
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h
IRCFG1
STRV_MS
SIRC[2:0]
IRID3
IRIC[2:0]
05h-06h
RSVD
RSVD
07h
IRCFG4
RSVD
IRRX_MD
IRSL0_DS
RXINV
IRSL21_DS
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com