Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 143Page - National Semiconductor (TI) SC2200 Datasheet HTML 144Page - National Semiconductor (TI) SC2200 Datasheet HTML 145Page - National Semiconductor (TI) SC2200 Datasheet HTML 146Page - National Semiconductor (TI) SC2200 Datasheet HTML 147Page - National Semiconductor (TI) SC2200 Datasheet HTML 148Page - National Semiconductor (TI) SC2200 Datasheet HTML 149Page - National Semiconductor (TI) SC2200 Datasheet HTML 150Page - National Semiconductor (TI) SC2200 Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 433 page
background image
Revision 3.0
147
www.national.com
SuperI/O Module (Continued)
Table 4-53. Bank 6 Register Map
Offset
Type
Name
00h
R/W
IRCR3. IR Control 3
01h
R/W
MIR_PW. MIR Pulse Width
02h
R/W
SIR_PW. SIR Pulse Width
03h
R/W
BSR. Bank Select
04h
R/W
BFPL. Beginning Flags/Preamble Length
05h-07h
---
RSVD. Reserved
Table 4-54. Bank 7 Register Map
Offset
Type
Name
00h
R/W
IRRXDC. IR Receiver Demodulator Control
01h
R/W
IRTXMC. IR Transmitter Modulator Control
02h
R/W
RCCFG. Consumer IR (CEIR) Configuration
03h
R/W
BSR. Bank Select
04h
R/W
IRCFG1. IR Interface Configuration 1
05h-06h
---
RSVD. Reserved
07h
R/W
IRCFG4. IR Interface Configuration 4
Table 4-55. Bank 0 Bit Map
Register
Bits
Offset
Name
765
43
210
00h
RXD
RXD[7:0] (Receive Data)
TXD
TXD[7:0] (Transmit Data)
01h
IER1
RSVD
MS_IE
LS_IE
TXLDL_IE
RXHDL_IE
IER2
TMR_IE
SFIF_IE
TXEMP_
IE/PLD_IE
DMA_IE
MS_IE
LS_IE
TXLDL_IE
RXHDL_IE
02h
EIR1
FEN[1:0]
RSVD
RXFT
IPR[1:0]
IPF
EIR2
TMR_EV
SFIF_EV
TXEMP_EV/
PLD_EV
DMA_EV
MS_EV
LS_EV/
TXHLT_EV
TXLDL_EV
RXHDL_EV
FCR
RXFTH[1:0]
TXFTH[1:0]
RSVD
TXSR
RXSR
FIFO_EN
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS[1:0]
BSR
BKSE
BSR[6:0] (Bank Select)
04h
MCR1
RSVD
LOOP
ISEN/
DCDLP
RILP
RTS
DTR
MCR2
MDSL[2:0]
IR_PLS
TX_DFR
DMA_EN
RTS
DTR
05h
LSR
ER_INF/
FR_END
TXEMP
TXRDY
BRK/
MAX_LEN
FE/
PHY_ERR
PE/
BAD_CRC
OE
RXDA
06h
MSR
DCD
RI
DSR
CTS
DDCD
TERI
DDSR
DCTS
07h
SPR1
Scratch Data
ASCR2
CTE/PLD
TXUR
RXACT/
RXBSY
RXWDG/
LOST_FR
TXHFE
S_EOT
FEND_INF
RXF_TOUT
1.
Non-extended mode.
2.
Extended
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com