Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 142Page - National Semiconductor (TI) SC2200 Datasheet HTML 143Page - National Semiconductor (TI) SC2200 Datasheet HTML 144Page - National Semiconductor (TI) SC2200 Datasheet HTML 145Page - National Semiconductor (TI) SC2200 Datasheet HTML 146Page - National Semiconductor (TI) SC2200 Datasheet HTML 147Page - National Semiconductor (TI) SC2200 Datasheet HTML 148Page - National Semiconductor (TI) SC2200 Datasheet HTML 149Page - National Semiconductor (TI) SC2200 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 433 page
background image
www.national.com
146
Revision 3.0
SuperI/O Module (Continued)
Table 4-50. Bank 3 Register Map
Offset
Type
Name
00h
RO
MID. Module and Revision Identification
01h
RO
SH_LCR. Link Control Shadow
02h
RO
SH_FCR. FIFO Control Shadow
03h
R/W
BSR. Bank Select
04h-07h
---
RSVD. Reserved
Table 4-51. Bank 4 Register Map
Offset
Type
Name
00h
RO
TMR(L). TImer (Low Byte)
01h
RO
TMR(H). Timer (High Byte)
02h
R/W
IRCR1. IR Control 1
03h
R/W
BSR. Bank Select
04h
R/W
TFRL(L). Transmission Frame Length (Low Byte)
RO
TFRCC(L). Transmission Current Count (Low Byte)
05h
R/W
TFRL(H). Transmission Frame Length (High Byte)
RO
TFRCC(H). Transmission Current Count (High Byte)
06h
R/W
RFRML(L). Reception Frame Maximum Length (Low Byte)
RO
RFRCC(L). Reception Frame Current Count (Low Byte)
07h
R/W
RFRML(H). Reception Frame Maximum Length (High Byte)
RO
RFRCC(H). Reception Frame Current Count (High Byte)
Table 4-52. Bank 5 Register Map
Offset
Type
Name
00h
R/W
SPR3. Scratchpad 2
01h
R/W
SPR3. Scratchpad 3
02h
R/W
RSVD. Reserved
03h
R/W
BSR. Bank Select
04h
R/W
IRCR2. IR Control 2
05h
RO
FRM_ST. Frame Status
06h
RO
RFRL(L). Received Frame Length (Low Byte)
RO
LSTFRC. Lost Frame Count
07h
RO
RFRL(H). Received Frame Length (High Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com