Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 200 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 200 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 196Page - National Semiconductor (TI) SC2200 Datasheet HTML 197Page - National Semiconductor (TI) SC2200 Datasheet HTML 198Page - National Semiconductor (TI) SC2200 Datasheet HTML 199Page - National Semiconductor (TI) SC2200 Datasheet HTML 200Page - National Semiconductor (TI) SC2200 Datasheet HTML 201Page - National Semiconductor (TI) SC2200 Datasheet HTML 202Page - National Semiconductor (TI) SC2200 Datasheet HTML 203Page - National Semiconductor (TI) SC2200 Datasheet HTML 204Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 433 page
background image
www.national.com
200
Revision 3.0
Core Logic Module (Continued)
4
Memory Write and Invalidate. Allow the Core Logic module to do memory write and invalidate cycles, if the PCI Cache
Line register (F0 Index 0Ch) is set to 32 bytes (08h).
0: Disable. (Default)
1: Enable.
3
Special Cycles. Allow the Core Logic module to respond to special cycles.
0: Disable.
1: Enable. (Default)
This bit must be enabled to allow the internal CPU Warm Reset signal to be triggered from a CPU Shutdown cycle.
2
Bus Master. Allow the Core Logic module bus mastering capabilities.
0: Disable.
1: Enable. (Default)
This bit must be set to 1.
1
Memory Space. Allow the Core Logic module to respond to memory cycles from the PCI bus.
0: Disable.
1: Enable. (Default)
0
I/O Space. Allow the Core Logic module to respond to I/O cycles from the PCI bus:
0: Disable.
1: Enable. (Default)
This bit must be set to 1 to access I/O offsets through F0BAR0 and F0BAR1 (see F0 Index 10h and 14h).
Index 06h-07h
PCI Status Register (R/W)
Reset Value: 0280h
15
Detected Parity Error. This bit is set whenever a parity error is detected.
Write 1 to clear.
14
Signaled System Error. This bit is set whenever the Core Logic module asserts SERR# active.
Write 1 to clear.
13
Received Master Abort. This bit is set whenever a master abort cycle occurs. A master abort occurs when a PCI cycle is
not claimed, except for special cycles.
Write 1 to clear.
12
Received Target Abort. This bit is set whenever a target abort is received while the Core Logic module is the master for the
PCI cycle.
Write 1 to clear.
11
Signaled Target Abort. This bit is set whenever the Core Logic module signals a target abort. This occurs when an address
parity error occurs for an address that hits in the active address decode space of the Core Logic module.
Write 1 to clear.
10:9
DEVSEL# Timing. (Read Only) These bits are always 01, as the Core Logic module always responds to cycles for which it
is an active target with medium DEVSEL# timing.
00: Fast
01: Medium
10: Slow
11: Reserved.
8
Data Parity Detected. This bit is set when:
1)
The Core Logic module asserts PERR# or observed PERR# asserted.
2)
The Core Logic module is the master for the cycle in which the PERR# occurred, and PE is set (F0 Index 04h[6] = 1).
Write 1 to clear.
7
Fast Back-to-Back Capable. (Read Only) Enables the Core Logic module, as a target, to accept fast back-to-back transac-
tions.
0: Disable.
1: Enable.
This bit is always set to 1.
6:0
Reserved. (Read Only) Must be set to 0 for future use.
Index 08h
Device Revision ID Register (RO)
Reset Value: 00h
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com