Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 199Page - National Semiconductor (TI) SC2200 Datasheet HTML 200Page - National Semiconductor (TI) SC2200 Datasheet HTML 201Page - National Semiconductor (TI) SC2200 Datasheet HTML 202Page - National Semiconductor (TI) SC2200 Datasheet HTML 203Page - National Semiconductor (TI) SC2200 Datasheet HTML 204Page - National Semiconductor (TI) SC2200 Datasheet HTML 205Page - National Semiconductor (TI) SC2200 Datasheet HTML 206Page - National Semiconductor (TI) SC2200 Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 433 page
background image
Revision 3.0
203
www.national.com
Core Logic Module (Continued)
0
Legacy Configuration SMI. If this bit is set to 1 and an access occurs to one of the configuration registers in the ISA Leg-
acy I/O register space, an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[5].
Index 42h
Reserved
Reset Value: 00h
Index 43h
Delayed Transactions Register (R/W)
Reset Value: 02h
7:5
Reserved. Must be set to 0.
4
Enable PCI Delayed Transactions for Access to I/O Address 170h-177h (Secondary IDE Channel). PIO mode uses
repeated I/O transactions that are faster when non-delayed transactions are used.
0: I/O addresses complete as fast as possible on PCI. (Default)
1: Accesses to Secondary IDE channel I/O addresses are delayed transactions on PCI.
For best performance of VIP, this bit should be set to 1 unless PIO mode 3 or 4 are used.
3
Enable PCI Delayed Transactions for Access to I/O Address 1F0h-1F7h (Primary IDE Channel). PIO mode uses
repeated I/O transactions that are faster when non-delayed transactions are used.
0: I/O addresses complete as fast as possible on PCI. (Default)
1: Accesses to Primary IDE channel I/O addresses are delayed transactions on PCI.
For best performance of VIP, this bit should be set to 1 unless PIO mode 3 or 4 are used.
2
Enable PCI Delayed Transactions for AT Legacy PIC I/O Addresses. Some PIC status reads are long. Enabling delayed
transactions help reduce DMA latency for high bandwidth devices like VIP.
0: PIC I/O addresses complete as fast as possible on PCI. (Default)
1: Accesses to PIC I/O addresses are delayed transactions on PCI.
For best performance of VIP, this bit should be set to 1.
1
Enable PCI Delayed Transactions for AT Legacy PIT I/O Addresses. Some x86 programs (certain benchmarks/diagnos-
tics) assume a particular latency for PIT accesses; this bit allows that code to work.
0: PIT I/O addresses complete as fast as possible on PCI.
1: Accesses to PIT I/O addresses are delayed transactions on PCI. (Default)
For best performance (e.g., when running Microsoft Windows), this bit should be set to 0.
0
Reserved. Must be set to 0.
Index 44h
Reset Control Register (R/W)
Reset Value: 01h
7
AC97 Soft Reset. Active low reset for the AC97 codec interface.
0: AC97_RST# is driven high. (Default)
1: AC97_RST# is driven low.
6:4
Reserved. Must be set to 0.
3
IDE Controller Reset. Reset the IDE controller.
0: Disable.
1: Enable.
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
2
IDE Reset. Reset IDE bus.
0: Disable.
1: Enable (drives outputs to zero).
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
1
PCI Reset. Reset PCI bus.
0: Disable.
1: Enable.
When this bit is set to 1, the Core Logic module output signal PCIRST# is asserted and all devices on the PCI bus (including
PCIUSB) are reset. No other function within the Core Logic module is affected by this bit.
Write 0 to clear this bit. This bit is level-sensitive and must be cleared after the reset is enabled.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com