Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 207 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 207 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 203Page - National Semiconductor (TI) SC2200 Datasheet HTML 204Page - National Semiconductor (TI) SC2200 Datasheet HTML 205Page - National Semiconductor (TI) SC2200 Datasheet HTML 206Page - National Semiconductor (TI) SC2200 Datasheet HTML 207Page - National Semiconductor (TI) SC2200 Datasheet HTML 208Page - National Semiconductor (TI) SC2200 Datasheet HTML 209Page - National Semiconductor (TI) SC2200 Datasheet HTML 210Page - National Semiconductor (TI) SC2200 Datasheet HTML 211Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 433 page
background image
Revision 3.0
207
www.national.com
Core Logic Module (Continued)
3
COM2 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 2F8h-2FFh.
0: Subtractive.
1: Positive.
2
COM1 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3F8h-3FFh.
0: Subtractive.
1: Positive.
1
Keyboard Controller Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O Ports 060h and
064h (as well as 062h and 066h, if enabled - F4 Index 5Bh[7] = 1).
0: Subtractive.
1: Positive.
Note:
If F0BAR1+I/O Offset 10h bits 10 = 0 and 16 = 1, then this bit must be written 0.
0
Real-Time Clock Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O Ports 070h-073h.
0: Subtractive.
1: Positive.
Index 5Bh
Decode Control Register 2 (R/W)
Reset Value: 20h
Note:
Positive decoding by the Core Logic module speeds up the I/O cycle time. The Keyboard, LPT3, LPT2, and LPT1 I/O ports do
not exist in the Core Logic module. It is assumed that if positive decoding is enabled for any of these ports, the port exists on
the ISA bus.
7
Keyboard I/O Port 062h/066h Positive Decode. This alternate port to the keyboard controller is provided in support of
power management features.
0: Disable.
1: Enable.
6
Reserved. Must be set to 0.
5
BIOS ROM Positive Decode. Selects PCI positive or subtractive decoding for accesses to the configured ROM space.
0: Subtractive.
1: Positive.
ROM configuration is at F0 Index 52h[2:0].
4
Secondary IDE Controller Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 170h-
177h and 376h-377h (excluding writes to 377h).
0: Subtractive. Subtractively decoded IDE addresses are forwarded to the PCI slot bus. If a master abort occurs, they are
then forwarded to ISA.
1: Positive. Positively decoded IDE addresses are forwarded to the internal IDE controller and then to the IDE bus.
3
Primary IDE Controller Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 1F0h-
1F7h and 3F6h-3F7h (excluding writes to 3F7h).
0: Subtractive. Subtractively decoded IDE addresses are forwarded to the PCI slot bus. If a master abort occurs, they are
then forwarded to ISA.
1: Positive. Positively decoded IDE addresses are forwarded to the internal IDE controller and then to the IDE bus.
2
LPT3 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 278h-27Fh.
0: Subtractive.
1: Positive.
1
LPT2 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 378h-37Fh.
0: Subtractive.
1: Positive.
0
LPT1 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3BCh-3BFh
0: Subtractive.
1: Positive.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com