Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 206Page - National Semiconductor (TI) SC2200 Datasheet HTML 207Page - National Semiconductor (TI) SC2200 Datasheet HTML 208Page - National Semiconductor (TI) SC2200 Datasheet HTML 209Page - National Semiconductor (TI) SC2200 Datasheet HTML 210Page - National Semiconductor (TI) SC2200 Datasheet HTML 211Page - National Semiconductor (TI) SC2200 Datasheet HTML 212Page - National Semiconductor (TI) SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 433 page
background image
www.national.com
210
Revision 3.0
Core Logic Module (Continued)
Index 76h
IOCS0# Control Register (R/W)
Reset Value: 00h
This register is used in conjunction with F0 Index 74h (IOCS0# Base Address register).
7
I/O Chip Select 0 Positive Decode (IOCS0#).
0: Disable.
1: Enable.
6
Writes Result in Chip Select. When this bit is set to 1, writes to configured I/O address (base address configured in F0
Index 74h; range configured in bits [4:0]) cause IOCS0# to be asserted.
0: Disable.
1: Enable.
5
Reads Result in Chip Select. When this bit is set to 1, reads from configured I/O address (base address configured in F0
Index 74h; range configured in bits [4:0]) cause IOCS0# to be asserted.
0: Disable.
1: Enable.
4:0
IOCS0# I/O Address Range. This 5-bit field is used to select the range of IOCS0#.
00000: 1 Byte
01111: 16 Bytes
00001: 2 Bytes
11111: 32 Bytes
00011: 4 Bytes
All other combinations are reserved.
00111: 8 Bytes
Index 77h
Reserved
Reset Value: 00h
Index 78h-7Bh
DOCCS# Base Address Register (R/W)
Reset Value: 00000000h
31:0
DiskOnChip Chip Select Base Address. This 32-bit value represents the memory base address used to enable assertion
of DOCCS# (EBGA ball H3 or AJ13 / TEPBGA ball A9 or N31, see PMR[23] in Table 3-2 on page 81).
This register is used in conjunction with F0 Index 7Ch (DOCCS# Control register).
Index 7Ch-7Fh
DOCCS# Control Register (R/W)
Reset Value: 00000000h
This register is used in conjunction with F0 Index 78h (DOCCS# Base Address register).
31:27
Reserved. Must be set to 0.
26
DiskOnChip Chip Select Positive Decode (DOCCS#).
0: Disable.
1: Enable.
25
Writes Result in Chip Select. When this bit is set to 1, writes to configured memory address (base address configured in
F0 Index 78h; range configured in bits [18:0]) cause DOCCS# to be asserted.
0: Disable.
1: Enable.
24
Reads Result in Chip Select. When this bit is set to 1, reads from configured memory address (base address configured in
F0 Index 78h; range configured in bits [18:0]) cause DOCCS# to be asserted.
0: Disable.
1: Enable.
23:19
Reserved. Must be set to 0.
18:0
DOCCS# Memory Address Range. This 19-bit mask is used to qualify accesses on which DOCCS# is asserted by mask-
ing the upper 19 bits of the incoming PCI address (AD[31:13]).
Index 80h
Power Management Enable Register 1 (R/W)
Reset Value: 00h
7:6
Reserved. Must be set to 0.
5
Codec SDATA_IN SMI. When set to 1, this bit allows an SMI to be generated in response to an AC97 codec producing a
positive edge on SDATA_IN.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[2].
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com