Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 209Page - National Semiconductor (TI) SC2200 Datasheet HTML 210Page - National Semiconductor (TI) SC2200 Datasheet HTML 211Page - National Semiconductor (TI) SC2200 Datasheet HTML 212Page - National Semiconductor (TI) SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) SC2200 Datasheet HTML 216Page - National Semiconductor (TI) SC2200 Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 433 page
background image
Revision 3.0
213
www.national.com
Core Logic Module (Continued)
6
User Defined Device 3 (UDEF3) Access Trap. If this bit is enabled and an access occurs in the programmed address
range, an SMI is generated. UDEF3 address programming is at F0 Index C8h (Base Address register) and CEh (Control
register).
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[4].
5
User Defined Device 2 (UDEF2) Access Trap. If this bit is enabled and an access occurs in the programmed address
range, an SMI is generated. UDEF2 address programming is at F0 Index C4h (Base Address register) and CDh (Control
register).
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[3].
4
User Defined Device 1 (UDEF1) Access Trap. If this bit is enabled and an access occurs in the programmed address
range, an SMI is generated. UDEF1 address programming is at F0 Index C0h (base address register), and CCh (control
register).
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[2].
3
Keyboard/Mouse Access Trap.
0: Disable.
1: Enable.
If this bit is enabled and an access occurs in the address ranges listed below, an SMI is generated.
— Keyboard Controller: I/O Ports 060h/064h.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[3].
2
Parallel/Serial Access Trap.
0: Disable.
1: Enable.
If this bit is enabled and an access occurs in the address ranges listed below, an SMI is generated.
— LPT1: I/O Port 3BCh-3BEh.
— LPT2: I/O Port 378h-37Fh.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is excluded).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is excluded).
— COM3: I/O Port 3E8h-3EFh.
— COM4: I/O Port 2E8h-2EFh.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[2].
1
Floppy Disk Access Trap.
0: Disable.
1: Enable.
If this bit is enabled and an access occurs in the address ranges listed below, an SMI is generated.
— Primary floppy disk: I/O Port 3F2h-3F5h, 3F7h.
— Secondary floppy disk: I/O Port 372h-375h, 377h.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[1].
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com