Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) SC2200 Datasheet HTML 216Page - National Semiconductor (TI) SC2200 Datasheet HTML 217Page - National Semiconductor (TI) SC2200 Datasheet HTML 218Page - National Semiconductor (TI) SC2200 Datasheet HTML 219Page - National Semiconductor (TI) SC2200 Datasheet HTML 220Page - National Semiconductor (TI) SC2200 Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 433 page
background image
Revision 3.0
217
www.national.com
Core Logic Module (Continued)
2
Parallel/Serial Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to either the
serial or parallel ports.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[2] to 1.
1
Floppy Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to the floppy
disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[1] to 1.
0
Primary Hard Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to the
primary hard disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[0] to 1.
Index 87h
Second Level PME/SMI Status Mirror Register 4 (RO)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported at F1BAR0+I/O Offset 00h/02h[0].
This register is called a “Mirror” register since an identical register exists at F0 Index F7h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F7h clears the status at both the second and top levels except for bit 7 which has a third level of
SMI status reporting at F0BAR0+I/O 0Ch/1Ch.
7
GPIO Event SMI Status. Indicates whether or not an SMI was caused by a transition of any of the GPIOs (GPIO47-GPIO32
and GPIO15-GPIO0).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 0Ch[0] to 0.
F0BAR0+I/O Offset 08h/18h selects which GPIOs are enabled to generate a PME and setting F1BAR1+I/O Offset 0Ch[0] =
0 enables the PME to generate an SMI. In addition, the selected GPIO must be enabled as an input (F0BAR0+I/O Offset
20h and 24h).
The next level (third level) of SMI status is at F0BAR0+I/O 0Ch/1Ch[15:0].
6
Thermal Override SMI Status. Indicates whether or not an SMI was caused by the assertion of THRM#.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[4] to 1.
5:4
Reserved. Always reads 0.
3
SIO PWUREQ SMI Status. Indicates whether or not an SMI was caused by a power-up event from the SIO.
0: No.
1: Yes.
A power-up event is defined as any of the following events/activities:
—RI2#
—SDATA_IN2
— IRRX1 (CEIR)
To enable SMI generation, set F1BAR1+I/O Offset 0Ch[0] to 0.
2
Codec SDATA_IN SMI Status. Indicates whether or not an SMI was caused by AC97 Codec producing a positive edge on
SDATA_IN.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 80h[5] to 1.
1
RTC Alarm (IRQ8#) SMI Status. Indicates whether or not an SMI was caused by an RTC interrupt.
0: No.
1: Yes.
This SMI event can only occur while in 3V Suspend and an RTC interrupt occurs with F1BAR1+I/O Offset 0Ch[0] = 0.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com