Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 218 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 218 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) SC2200 Datasheet HTML 216Page - National Semiconductor (TI) SC2200 Datasheet HTML 217Page - National Semiconductor (TI) SC2200 Datasheet HTML 218Page - National Semiconductor (TI) SC2200 Datasheet HTML 219Page - National Semiconductor (TI) SC2200 Datasheet HTML 220Page - National Semiconductor (TI) SC2200 Datasheet HTML 221Page - National Semiconductor (TI) SC2200 Datasheet HTML 222Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 433 page
background image
www.national.com
218
Revision 3.0
Core Logic Module (Continued)
0
ACPI Timer SMI Status. Indicates whether or not an SMI was caused by an ACPI Timer (F1BAR0+I/O Offset 1Ch or
F1BAR1+I/O Offset 1Ch) MSB toggle.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[5] to 1.
Index 88h
General Purpose Timer 1 Count Register (R/W)
Reset Value: 00h
7:0
GPT1_COUNT. This field represents the load value for General Purpose Timer 1. This value can represent either an 8-bit
counter or a 16-bit counter (selected in F0 Index 8Bh[4]). It is loaded into the counter when the timer is enabled (F0 Index
83h[0] = 1). Once enabled, an enabled event (configured in F0 Index 89h[6:0]) reloads the timer.
The counter is decremented with each clock of the configured timebase (1 msec or 1 sec selected at F0 Index 89h[7]). Upon
expiration of the counter, an SMI is generated, and the top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
The second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[0]. Once expired, this counter must be re-initialized
by either disabling and enabling it, or writing a new count value in this register.
Index 89h
General Purpose Timer 1 Control Register (R/W)
Reset Value: 00h
7
General Purpose Timer 1 TImebase. Selects timebase for General Purpose Timer 1 (F0 Index 88h).
0: 1 second.
1: 1 millisecond.
6
Re-trigger General Purpose Timer 1 on User Defined Device 3 (UDEF3) Activity.
0: Disable.
1: Enable.
Any access to the configured (memory or I/O) address range for UDEF3 (configured in F0 Index C8h and CEh) reloads
General Purpose Timer 1.
5
Re-trigger General Purpose Timer 1 on User Defined Device 2 (UDEF2) Activity.
0: Disable.
1: Enable.
Any access to the configured (memory or I/O) address range for UDEF2 (configured in F0 Index C4h and CDh) reloads
General Purpose Timer 1.
4
Re-trigger General Purpose Timer 1 on User Defined Device 1 (UDEF1) Activity.
0: Disable.
1: Enable.
Any access to the configured (memory or I/O) address range for UDEF1 (configured in F0 Index C0h and CCh) reloads
General Purpose Timer 1.
3
Re-trigger General Purpose Timer 1 on Keyboard or Mouse Activity.
0: Disable.
1: Enable.
Any access to the keyboard or mouse I/O address range listed below reloads General Purpose Timer 1:
— Keyboard Controller: I/O Ports 060h/064h.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included).
2
Re-trigger General Purpose Timer 1 on Parallel/Serial Port Activity.
0: Disable.
1: Enable.
Any access to the parallel or serial port I/O address range listed below reloads the General Purpose Timer 1:
— LPT1: I/O Port 3BCh-3BEh.
— LPT2: I/O Port 378h-37Fh.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is excluded).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is excluded).
— COM3: I/O Port 3E8h-3EFh.
— COM4: I/O Port 2E8h-2EFh.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com