Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 212Page - National Semiconductor (TI) SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) SC2200 Datasheet HTML 216Page - National Semiconductor (TI) SC2200 Datasheet HTML 217Page - National Semiconductor (TI) SC2200 Datasheet HTML 218Page - National Semiconductor (TI) SC2200 Datasheet HTML 219Page - National Semiconductor (TI) SC2200 Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 433 page
background image
www.national.com
216
Revision 3.0
Core Logic Module (Continued)
4
User Defined Device Idle Timer 1 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 1 Idle Timer Count Register (F0 Index A0h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[4] to 1.
3
Keyboard/Mouse Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Keyboard/Mouse Idle
Timer Count Register (F0 Index 9Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[3] to 1.
2
Parallel/Serial Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Parallel/Serial Port Idle
Timer Count Register (F0 Index 9Ch).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[2] to 1.
1
Floppy Disk Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Floppy Disk Idle Timer
Count Register (F0 Index 9Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[1] to 1.
0
Primary Hard Disk Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Primary Hard Disk
Idle Timer Count Register (F0 Index 98h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[0] to 1.
Index 86h
Second Level PME/SMI Status Mirror Register 3 (RO)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
This register is called a “Mirror” register since an identical register exists at F0 Index F6h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F6h clears the status at both the second and top levels.
7
Video Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to the Video I/O Trap.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[7] to 1.
6
Reserved
5
Secondary Hard Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to
the secondary hard disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[6] to 1.
4
Secondary Hard Disk Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Secondary
Hard Disk Idle Timer Count register (F0 Index ACh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[7] to 1.
3
Keyboard/Mouse Access Trap SMI Status. Indicates whether or not an SMI was caused by an trapped I/O access to the
keyboard or mouse.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[3] to 1.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com