Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 212 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 212 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 208Page - National Semiconductor (TI) SC2200 Datasheet HTML 209Page - National Semiconductor (TI) SC2200 Datasheet HTML 210Page - National Semiconductor (TI) SC2200 Datasheet HTML 211Page - National Semiconductor (TI) SC2200 Datasheet HTML 212Page - National Semiconductor (TI) SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) SC2200 Datasheet HTML 216Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 433 page
background image
www.national.com
212
Revision 3.0
Core Logic Module (Continued)
4
User Defined Device 1 (UDEF1) Idle Timer Enable. Turn on UDEF1 Idle Timer Count Register (F0 Index A0h) and gener-
ate an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the programmed address range, the timer is reloaded with the programmed count.
UDEF1 address programming is at F0 Index C0h (base address register) and CCh (control register).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
3
Keyboard/Mouse Idle Timer Enable. Turn on Keyboard/Mouse Idle Timer Count Register (F0 Index 9Eh) and generate an
SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the address ranges listed below, the timer is reloaded with the programmed count:
— Keyboard Controller: I/O Ports 060h/064h.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
2
Parallel/Serial Idle Timer Enable. Turn on Parallel/Serial Port Idle Timer Count Register (F0 Index 9Ch) and generate an
SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the address ranges listed below, the timer is reloaded with the programmed count.
— LPT1: I/O Port 3BCh-3BEh.
— LPT2: I/O Port 378h-37Fh.
— COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is excluded).
— COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is excluded).
— COM3: I/O Port 3E8h-3EFh.
— COM4: I/O Port 2E8h-2EFh.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[2].
1
Floppy Disk Idle Timer Enable. Turn on Floppy Disk Idle Timer Count Register (F0 Index 9Ah) and generate an SMI when
the timer expires.
0: Disable.
1: Enable.
If an access occurs in the address ranges (listed below, the timer is reloaded with the programmed count.
— Primary floppy disk: I/O Port 3F2h-3F5h, 3F7h.
— Secondary floppy disk: I/O Port 372h-375h, 377h.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[1].
0
Primary Hard Disk Idle Timer Enable. Turn on Primary Hard Disk Idle Timer Count Register (F0 Index 98h) and generate
an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the address ranges selected in F0 Index 93h[5], the timer is reloaded with the programmed count.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[0].
Index 82h
Power Management Enable Register 3 (R/W)
Reset Value: 00h
7
Video Access Trap. If this bit is enabled and an access occurs in the video address range (sets bit 0 of the GX1 module’s
PSERIAL register), an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[7].
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com