Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 133 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 133 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 129Page - National Semiconductor (TI) PC87338 Datasheet HTML 130Page - National Semiconductor (TI) PC87338 Datasheet HTML 131Page - National Semiconductor (TI) PC87338 Datasheet HTML 132Page - National Semiconductor (TI) PC87338 Datasheet HTML 133Page - National Semiconductor (TI) PC87338 Datasheet HTML 134Page - National Semiconductor (TI) PC87338 Datasheet HTML 135Page - National Semiconductor (TI) PC87338 Datasheet HTML 136Page - National Semiconductor (TI) PC87338 Datasheet HTML 137Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 221 page
background image
133
www.national.com
FIGURE 75. EPP 1.9 Address Write
EPP 1.9 Address Read
The following procedure reads from the address reg-
ister.
1. The system reads a byte from the EPP address
register. When RD becomes low, the EPP pulls
IOCHRDY low, and waits for WAIT to become low.
2. When WAIT becomes low, the EPP pulls ASTRB
low and waits for WAIT to become high. If WAIT
was already low, steps 2 and 3 occur concurrently.
3. When WAIT becomes high, the EPP stops pulling
IOCHRDY low, and waits for RD to become high.
4. When RD becomes high, the EPP latches PD7-0
(to provide sufficient hold time), pulls ASTRB high,
and puts D7-0 in TRI-STATE.
FIGURE 76. EPP 1.9 Address Read
EPP 1.9 Data Write and Read
This procedure writes to the selected peripheral drive
or register.
EPP 1.9 data read and write operations are similar to
EPP 1.9 address read and write operations, respec-
tively, except that the data strobe (DSTRB signal) and
a data register replace the address strobe (ASTRB
signal) and the address register, respectively.
4.4
EXTENDED CAPABILITIES
PARALLEL PORT (ECP) MODES
In the Extended Capabilities Port (ECP) modes, the
device is a state machine that supports a 16-byte
FIFO that can be configured for either direction, com-
mand and data FIFO tags (one per byte), a FIFO
threshold interrupt for both directions, FIFO empty
and full status bits, automatic generation of strobes
(by hardware) to fill or empty the FIFO, transfer of
commands and data, and Run Length Encoding
(RLE) expanding (decompression) as explained be-
low. The FIFO can be accessed by PIO or system
DMA cycles.
The ECP modes are enabled when bit 2 of PCR is 1.
Once enabled, the mode is controlled via the mode
field of ECR, i.e., bits 7-5 of the ECR register as
shown in Table 71 on page 141 and described in de-
tail in “ECP Mode Descriptions” on page 142.
The ECP modes and their code designations are list-
ed in Table 67.
TABLE 67. ECP Modes Encoding
The output of the control signals in PC87338 are in
level 2 (pushpull) when:
- in ECP mode 011
- in ECP mode 010 and PCR[1]=1
The output of the control signals in PC97338 are in
level 2 (pushpull) in all ECP modes besides 000.
D7-0
WR
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
ZWS
D7-0
RD
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
ZWS
ECR Bit Encoding
Mode Name
Bit 7Bit 6Bit 5
0
0
0
Standard
001
PS/2
0
1
0
Parallel port FIFO
0
1
1
ECP FIFO
1
1
0
FIFO test
1
1
1
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com