Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 130Page - National Semiconductor (TI) PC87338 Datasheet HTML 131Page - National Semiconductor (TI) PC87338 Datasheet HTML 132Page - National Semiconductor (TI) PC87338 Datasheet HTML 133Page - National Semiconductor (TI) PC87338 Datasheet HTML 134Page - National Semiconductor (TI) PC87338 Datasheet HTML 135Page - National Semiconductor (TI) PC87338 Datasheet HTML 136Page - National Semiconductor (TI) PC87338 Datasheet HTML 137Page - National Semiconductor (TI) PC87338 Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 221 page
background image
134
www.national.com
TABLE 68. Parallel Port Registers in ECP Modes
4.4.1
Accessing the ECP Registers
The AFIFO, CFIFO, DFIFO and TFIFO registers ac-
cess the same ECP FIFO. The FIFO is accessed at
Base + 000h, or Base + 400h, depending on the mode
field of ECR and the register.
The FIFO can be accessed by system DMA cycles, as
well as system PIO cycles.
When the DMA is configured and enabled (bit 3 of
ECR is 1 and bit 2 of ECR is 0) the ECP automatically
(by hardware) issues DMA requests to fill the FIFO (in
the forward direction when bit 5 of DCR is 0) or to
empty the FIFO (in the reverse direction when bit 5 of
DCR is 1). All DMA transfers are to or from these reg-
isters. The ECP does not assert DMA requests for
more than 32 consecutive DMA cycles. The ECP
stops requesting the DMA when TC is detected during
an ECP DMA cycle.
Writing into a full FIFO, and reading from an empty
FIFO, are ignored. The written data is lost, and the
read data is undefined. The FIFO empty and full sta-
tus bits are not affected by such accesses.
Some registers are not accessible in all modes of op-
eration, or may be accessed in one direction only. Ac-
cessing a non accessible register has no effect. Data
read is undefined; data written is ignored; and the
FIFO does not update. The Chip SPP registers (DTR,
STR and CTR) are not accessible when the ECP is
enabled.
To improve noise immunity in ECP cycles, the state
machine does not examine the control handshake re-
sponse lines until the data has had time to switch.
In ECP modes:
• DATAR replaces DTR of SPP/EPP
• DSR replaces STR of SPP/EPP
• DCR replaces CTR of SPP/EPP
The base address is 278h, 378h or 3BCh, as speci-
fied in the FAR register in Legacy mode.
4.4.2
Software Operation in ECP Modes
Software should operate as described in “
Extended
Capabilities Port Protocol and ISA Interface Stan-
dard”.
Some of these operations are:
• Software should enable ECP (bit 2 of PCR is 1) af-
ter bits 3-0 of the parallel port Control Register
(CTR) are set to 0100.
• When ECP is enabled, software should switch
modes only through modes 000 or 001.
• When ECP is enabled, the software should
change direction only in mode 001.
• Software should not switch from mode 010 or 011,
to mode 000 or 001, unless the FIFO is empty.
• Software should switch to mode 011 when bits 0
and 1 of DCR are 0.
• Software should switch to mode 010 when bit 0 of
DCR is 0.
• Software should disable ECP (bit 2 of PCR is 0)
only in mode 000 or 001.
Software may switch from mode 011 backward to
modes 000 or 001, when there is an on-going ECP
read cycle. In this case, the read cycle is aborted by
deasserting AFD. The FIFO is reset (empty) and a po-
tential byte expansion (RLE) is automatically termi-
nated since the new mode is 000 or 001.
Offset Symbol
Description
Modes
(ECR Bits)
7 6 5
R/W
000h
DATAR
Parallel Port
Data Register
0 0 0
0 0 1
R/W
000h
AFIFO
ECP Address
FIFO
0 1 1
W
001h
DSR
Status Register
All Modes
R
002h
DCR
Control Register All Modes R/W
400h
CFIFO
Parallel Port
Data FIFO
0 1 0
W
400h
DFIFO
ECP Data FIFO
0 1 1
R/W
400h
TFIFO
Test FIFO
1 1 0
R/W
400h
CNFGA
Configuration
Register A
1 1 1
R
401h
CNFGB
Configuration
Register B
1 1 1
R
402h
ECR
Extended Control
Register
All Modes R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com