Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 134Page - National Semiconductor (TI) PC87338 Datasheet HTML 135Page - National Semiconductor (TI) PC87338 Datasheet HTML 136Page - National Semiconductor (TI) PC87338 Datasheet HTML 137Page - National Semiconductor (TI) PC87338 Datasheet HTML 138Page - National Semiconductor (TI) PC87338 Datasheet HTML 139Page - National Semiconductor (TI) PC87338 Datasheet HTML 140Page - National Semiconductor (TI) PC87338 Datasheet HTML 141Page - National Semiconductor (TI) PC87338 Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 221 page
background image
138
www.national.com
Bit 0 - Data Strobe Control
Bit 0 directly controls the data strobe signal to the
printer via the STB signal. This bit is the inverse of
the STB signal.
0 - The STB signal is inactive in all modes except
010 and 011. In these modes, it may be active
or inactive as set by the software.
1 - In all modes, STB is active.
Bit 1 - Automatic Line Feed Control
This bit directly controls the automatic feed XT sig-
nal to the printer via the AFD signal. Setting this bit
high causes the printer to automatically feed after
each line is printed. This bit is the inverse of the
AFD signal.
In mode 011, AFD is activated by both ECP hard-
ware and by software using this bit.
0 - No automatic line feed. (Default)
1 - Automatic line feed.
Bit 2 - Printer Initialization Control
Bit 2 directly controls the signal to initialize the
printer via the INIT signal. Setting this bit to low ini-
tializes the printer. The INIT signal follows this bit.
0 - Initialize printer (Default)
1 - No action.
Bit 3 - Parallel Port Input Control
This bit directly controls the select input device sig-
nal to the printer via the SLIN signal. It is the in-
verse of the SLIN signal.
This bit must be set to 1 before enabling the EPP
or ECP modes via bits 0 or 2 of the PCR register.
0 - The printer is not selected.
1 - The printer is selected.
Bit 4 - Interrupt Enable
Bit 4 enables the interrupt generated by the ACK
signal. In ECP mode, this bit should be set to 0.
This bit does not float the IRQ pin.
0 - Masked. (Default)
1 - Enabled.
Bit 5 - Direction Control
This bit determines the direction of the parallel port
when bit 7 of PTR is 1. The default condition is par-
allel port in output mode.
In the PC87338, this bit is a read only bit (return 0)
in ECP modes 000 and 010. In all other ECP
modes, it is a read/write bit.
In the PC97338, this bit is a read/write bit in all ECP
modes.
This bit is a read/write bit in EPP mode. In SPP
mode it is a write only bit. A read from it returns 1.
In SPP Compatible mode and in EPP mode it does
not control the direction. See Table 64.
0 - The ECP is in forward direction.
1 - The ECP is in backward direction.
The ECP drives the PD7-0 pins in the forward di-
rection, but does not drive them in the backward
direction.
The direction bit, bit 5, is readable and writable. In
modes 000 and 010 the direction bit is forced to 0,
internally, regardless of the data written into this
bit.
0 - ECP drives forward in output mode. (Default)
1 - ECP direction is backward.
Bits 7,6 - Reserved
These bits are reserved and are always 1.
4.4.9
Parallel Port Data FIFO (CFIFO)
Register, Bits 7-5 of ECR = 010,
Offset 400h
The Parallel Port FIFO (CFIFO) register is write only.
A byte written to this register by PIO or DMA is pushed
into the FIFO and tagged as data.
Reading this register has no effect and the data read
is undefined.
FIGURE 81. CFIFO Register Bitmap
4.4.10 ECP Data FIFO (DFIFO) Register,
Bits 7-5 of ECR = 011, Offset 400h
This bi-directional FIFO functions as either a write-
only device (when DCR bit 5 is 0) or a read-only de-
vice (DCR bit 5 is 1).
In the forward direction (bit 5 of DCR is 0), a byte writ-
ten to the ECP Data FIFO (DFIFO) register by PIO or
DMA is pushed into the FIFO and tagged as data.
Reading this register when set for write-only has no
effect and the data read is undefined.
Reset
Required
Parallel Port FIFO
Register (CFIFO)
Offset 400h
Bits 7-5 of ECR = 010
765
43
210
0
0
0
0
0
0
0
0
Data Bits
D0 - D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com