Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 136Page - National Semiconductor (TI) PC87338 Datasheet HTML 137Page - National Semiconductor (TI) PC87338 Datasheet HTML 138Page - National Semiconductor (TI) PC87338 Datasheet HTML 139Page - National Semiconductor (TI) PC87338 Datasheet HTML 140Page - National Semiconductor (TI) PC87338 Datasheet HTML 141Page - National Semiconductor (TI) PC87338 Datasheet HTML 142Page - National Semiconductor (TI) PC87338 Datasheet HTML 143Page - National Semiconductor (TI) PC87338 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 221 page
background image
140
www.national.com
FIGURE 85. CNFGB Register Bitmap
Bits 1,0 - DMA Select Bits
These bits reflect the value of bits 2 and 1 of the
SCF1 configuration register. Microsoft’s ECP Pro-
tocol and ISA Interface Standard defines these
bits shown in Table 69.
Note that bits 2-1 of SCF1 are read/write bits but
CNFGB bits are read only.
Upon reset, these bits are initialized to 00.
TABLE 69. ECP Mode DMA Selection
Bit 2 - Reserved
This bit is reserved and is always 0.
Bits 5-3 - Interrupt Select Bits
These bits reflect the value of bits 2-0 of the PNP0
configuration register. Microsoft’s ECP Protocol
and ISA Interface Standard defines these bits as
shown in Table 70.
Bits 2-0 of PNP0 are normal read/write bits but
CNFGB bits are read only.
Upon reset, these bits have an undefined value.
TABLE 70. ECP Mode Interrupt Selection
Bit 6 - IRQ Signal Value
This bit holds the value of the configured IRQ sig-
nal. The value of this bit will be undetermined if the
interrupt is not correctly configured on configura-
tion register PNP0, bits 1 and bits 7-4.
Bit 7 - Reserved
This bit is reserved and is always 0.
4.4.14 Extended Control Register (ECR),
Offset 402h
This register controls the ECP and parallel port func-
tions. On reset this register is initialized to 00010101.
IOCHRDY is driven low on ECR read when the ECR
status bits do not hold updated data.
FIGURE 86. ECR Register Bitmap
Bit 0 - FIFO Empty
This bit continuously reflects the FIFO state, and
therefore can only be read. Data written to this bit
is ignored.
When the ECP clock is frozen this bit is read as 1,
regardless of the actual FIFO state.
0 - The FIFO has at least one byte of data.
Bit 1 Bit 0
DMA Configuration
0
0
8-bit DMA selected by jumpers.
(Default)
0
1
DMA channel 1 selected.
1
0
DMA channel 2 selected.
1
1
DMA channel 3 selected.
7
654
32
10
Reset
Required
0
0
0
x
x
x
0
0
Configuration Register B
(CNFGB)
Offset 401h
Reserved
Interrupt Select
IRQ Signal Value
Reserved
DMA Channel Select
Bits 7-5 of ECR = 111
Bit 5 Bit 4 Bit 3
Interrupt Selection
0
0
0
Jumper selection.
001
IRQ7 selected.
010
IRQ9 selected.
0
1
1
IRQ10 selected.
1
0
0
IRQ11 selected.
1
0
1
IRQ14 selected.
1
1
0
IRQ15 selected.
111
IRQ5 selected.
7
654
32
10
Reset
Required
1
0
1
0
1
0
0
0
Extended Control
(ECR)
Offset 402h
ECP Service
ECP Interrupt Mask
ECP Mode Control
ECP DMA Enable
FIFO Full
All ECP Modes
FIFO Empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com