Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 138Page - National Semiconductor (TI) PC87338 Datasheet HTML 139Page - National Semiconductor (TI) PC87338 Datasheet HTML 140Page - National Semiconductor (TI) PC87338 Datasheet HTML 141Page - National Semiconductor (TI) PC87338 Datasheet HTML 142Page - National Semiconductor (TI) PC87338 Datasheet HTML 143Page - National Semiconductor (TI) PC87338 Datasheet HTML 144Page - National Semiconductor (TI) PC87338 Datasheet HTML 145Page - National Semiconductor (TI) PC87338 Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 221 page
background image
142
www.national.com
4.5
ECP MODE DESCRIPTIONS
4.5.1
Software Controlled Data Transfer
(Modes 000 and 001)
Software controlled data transfer is supported in
modes 000 and 001. The software generates periph-
eral-device cycles by modifying the DATAR and DCR
registers and reading the DSR, DCR and DATAR reg-
isters. The negotiation phase and nibble mode trans-
fer, as defined in the IEEE 1284 standard, are
performed in these modes.
In these modes the FIFO is reset (empty) and is not
functional, the DMA and RLE are idle.
Mode 000 is for the forward direction only; the direc-
tion bit (DCR Bit 5) is forced to 0 and PD7-0 are driv-
en. Mode 001 is for both the forward and backward
directions. The direction bit controls whether or not
pins PD7-0 are driven.
4.5.2
Automatic Data Transfer
(Modes 010 and 011)
Automatic data transfer (ECP cycles generated by
hardware) is supported only in modes 010 and 011
(Parallel Port and ECP FIFO modes). Automatic DMA
access to fill or empty the FIFO is supported in modes
010, 011 and 110. Mode 010 is for the forward direc-
tion only; the direction bit is forced to 0 and PD7-0 are
driven. Mode 011 is for both the forward and reverse
directions. The direction bit controls whether PD7-0
are driven.
Automatic Run Length Expanding (RLE) is supported
in the reverse direction.
Forward Direction (bit 5 of DCR=0)
When the ECP is in forward direction and the FIFO is
not full (bit 1 of ECR is 0) the FIFO can be filled by
software writes to the FIFO registers (AFIFO and
DFIFO in mode 011, and CFIFO in mode 010).
When DMA is enabled (bit 3 of ECR is 1 and bit 2 of
ECR is 0) the ECP automatically issues DMA re-
quests to fill the FIFO with data bytes (not including
command bytes).
When the ECP is in forward direction and the FIFO is
not empty (bit 0 of ECR is 0) the ECP pops a byte from
the FIFO and issues a write signal to the peripheral
device. The ECP drives AFD according to the opera-
tion mode (bits 7-5 of ECR) and according to the tag
of the popped byte as follows: In Parallel Port FIFO
mode (mode 010) AFD is controlled by bit 1 of DCR.
In ECP mode (mode 011) AFD is controlled by the
popped tag. AFD is driven high for normal data bytes
and driven low for command bytes.
ECP (Forward) Write Cycle
An ECP write cycle starts when the ECP drives the
popped tag onto AFD and the popped byte onto
PD7-0. When BUSY is low the ECP asserts STB. In
010 mode the ECP deasserts STB to terminate the
write cycle. In 011 mode the ECP waits for BUSY to
be high.
When BUSY is high, the ECP deasserts STB, and
changes AFD and PD7-0 only after BUSY is low.
FIGURE 87. ECP Forward Write Cycle
Reverse Direction (Bit 5 of DCR is 1)
When the ECP is in the reverse direction, and the
FIFO is not full (bit 1 of ECR is 0), the ECP issues a
read cycle to the peripheral device and monitors the
BUSY signal. If BUSY is high the byte is a data byte
and it is pushed into the FIFO. If BUSY is low the byte
is a command byte. The ECP checks bit 7 of the com-
mand byte, if it is high the byte is ignored, if it is low
the byte is tagged as an RLC byte (not pushed into
the FIFO but used as a Run Length Count to expand
the next byte read). Following an RLC read the ECP
issues a read cycle from the peripheral device to read
the data byte to be expanded. This byte is considered
a data byte, regardless of its BUSY state (even if it is
low). This byte is pushed into the FIFO (RLC+1) times
(e.g. for RLC=0, push the byte once. For RLC=127
push the byte 128 times).
When the ECP is in the reverse direction, and the
FIFO is not empty (bit 0 of ECR is 0), the FIFO can be
emptied by software reads from the FIFO register
(true only for the TFIFO in mode 011, not for AFIFO
or CFIFO reads).
When DMA is enabled (bit 3 of ECR is 1 and bit 2 of
ECR is 0) the ECP automatically issues DMA re-
quests to empty the FIFO (only in mode 011).
ECP (Reverse) Read Cycle
An ECP read cycle starts when the ECP drives AFD
low.
The peripheral device drives BUSY high for a normal
data read cycle, or drives BUSY low for a command
read cycle, and drives the byte to be read onto PD7-0.
BUSY
STB
PD7-0
AFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com