Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 131Page - National Semiconductor (TI) PC87338 Datasheet HTML 132Page - National Semiconductor (TI) PC87338 Datasheet HTML 133Page - National Semiconductor (TI) PC87338 Datasheet HTML 134Page - National Semiconductor (TI) PC87338 Datasheet HTML 135Page - National Semiconductor (TI) PC87338 Datasheet HTML 136Page - National Semiconductor (TI) PC87338 Datasheet HTML 137Page - National Semiconductor (TI) PC87338 Datasheet HTML 138Page - National Semiconductor (TI) PC87338 Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 221 page
background image
135
www.national.com
4.4.3
Hardware Operation in ECP
Modes
The ZWS signal is asserted by the ECP when ECP
modes are enabled, and an ECP register is accessed
by system PIO instructions, thus using a system zero
wait states cycle (except during read cycles from
ECR).
The ECP uses an internal clock, which can be frozen
to reduce power consumption during power down. In
this power-down state the DMA is disabled, all inter-
rupts (except ACK) are masked, and the FIFO regis-
ters are not accessible (access is ignored). The other
ECP registers are unaffected by power-down and are
always accessible when the ECP is enabled. During
power-down the FIFO status and contents become in-
accessible, and the system reads bit 2 of ECR as 0,
bit 1 of ECR as 1 and bit 0 of ECR as 1, regardless of
the actual values of these bits. The FIFO status and
contents are not lost, however, and when the clock
activity resumes, the values of these bits resume their
designated functions.
When the clock is frozen, an on-going ECP cycle may
be corrupted, but the next ECP cycle will not start
even if the FIFO is not empty in the forward direction,
or not full in the backward direction. If the ECP clock
starts or stops toggling during a system cycle that ac-
cesses the FIFO, the cycle may yield wrong data.
ECP output signals are inactive when the ECP is dis-
abled.
Only the FIFO, DMA and RLE do not function when
the clock is frozen. All other registers are accessible
and functional. The FIFO, DMA and RLE are affected
by ECR modifications, i.e., they are reset when exits
from modes 010 or 011 are carried out even while the
clock is frozen.
4.4.4
ECP Modes Parallel Port Register
Bitmaps
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
ECP Data Register
(DATAR)
Offset 000h
D2
D4
D5
D6
D7
D0
D1
D3
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
ECP Address Register
(AFIFO)
Offset 000h
A2
A4
A5
A6
A7
A0
A1
A3
76
54
321
0
Reset
Required
1
1
1
1
1
1
ECP Status Register
(DSR)
Offset 001h
Reserved
SLCT Status
PE Status
ACK Status
Printer Status
ERR Status
76
54
321
0
Reset
Required
0
0
0
0
0
0
1
1
ECP Control
Register (DCR)
Offset 002h
Printer Initialization Control(INIT)
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control
Bits 7-5 of ECR = 000 or 001
Bits 7-5 of ECR = 011
All ECP Modes
All ECP Modes
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com