Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 198 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 198 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 194Page - National Semiconductor (TI) PC87338 Datasheet HTML 195Page - National Semiconductor (TI) PC87338 Datasheet HTML 196Page - National Semiconductor (TI) PC87338 Datasheet HTML 197Page - National Semiconductor (TI) PC87338 Datasheet HTML 198Page - National Semiconductor (TI) PC87338 Datasheet HTML 199Page - National Semiconductor (TI) PC87338 Datasheet HTML 200Page - National Semiconductor (TI) PC87338 Datasheet HTML 201Page - National Semiconductor (TI) PC87338 Datasheet HTML 202Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 221 page
background image
198
www.national.com
8.2
DC CHARACTERISTICS OF PINS, BY GROUP
The following tables list the DC characteristics of all device pins described in Section 1.2 on page 22. The pin
list preceding each table lists the device pins to which the table applies.
8.2.1
Group 1
PIN LIST:
A15-0, AEN, BADDR1,0, CTS2,1, DACK3-1, DCD2,1, DSR2,1, ID2-0, IRRX2,1, MR, PD7-0, PNF, RD,
RI2,1, SIN2,1, SIRQ31, TC, WAIT, WR
TABLE 110. DC Characteristics of Group 1 Pins
8.2.2
Group 2
PIN LIST:
BUSY, PE, SLCT
TABLE 111. DC Characteristics of Group 2 Pins
8.2.3
Group 3
PIN LIST:
ACK, ERR
Parameter
Symbol Conditions
5V
3.3V
Unit
Min
Typical
Max
Min
Typical
Max
Input high voltage
VIH
2.0
5.5
2.0
5.5
V
Input low voltage
VIL
-0.5
0.8
-0.5
0.8
V
Input leakage current
ILKG
VIN = VDD
VIN = VSS
10
−10
10
-10
µA
µA
Input hysteresis
VH
On PNF
250
200
mV
Input Hysteresis
VH
On SIRQI3
250
200
mV
Parameter
Symbol Conditions
5V
3.3V
Unit
Min
Max
Min
Max
Input high voltage
VIH
2.0
5.5
2.0
5.5
V
Input low voltage
VIL
-0.5
0.8-0.50.8
V
Input leakage current
ILKG
VIN = VDD
VIN = VSS
100
−200
100
-140
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com