Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 199 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 199 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 195Page - National Semiconductor (TI) PC87338 Datasheet HTML 196Page - National Semiconductor (TI) PC87338 Datasheet HTML 197Page - National Semiconductor (TI) PC87338 Datasheet HTML 198Page - National Semiconductor (TI) PC87338 Datasheet HTML 199Page - National Semiconductor (TI) PC87338 Datasheet HTML 200Page - National Semiconductor (TI) PC87338 Datasheet HTML 201Page - National Semiconductor (TI) PC87338 Datasheet HTML 202Page - National Semiconductor (TI) PC87338 Datasheet HTML 203Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 221 page
background image
199
www.national.com
TABLE 112. DC Characteristics of Group 3 Pins
8.2.4
Group 4
PIN LIST:
DRV2, DSCKCHG, INDEX, MSEN1,0, RDATA, TRK0, WP
TABLE 113. DC Characteristics of Group 4 Pins
8.2.5
Group 5
PIN LIST:
X1
TABLE 114. DC Characteristics of Group 5 Pins
8.2.6
Group 6
PIN LIST:
D7-0, DRQ3-0, IRQ15, IRQ12-9, IRQ7-3
Parameter
Symbol Conditions
5V
3.3V
Unit
Min
Max
Min
Max
Input high voltage
VIH
2.0
5.5
2.0
5.5
V
Input low voltage
VIL
-0.5
0.8
-0.5
0.8
V
Input leakage current
IIL
VIN = VDD
VIN = VSS
10
−200
10
-140
µA
µA
Parameter
Symbol
Conditions
5V
3.3V
Unit
Min
Typical
Max
Min
Typical
Max
Input high voltage
VIH
2.0
5.5
2.0
5.5
V
Input low voltage
VIL
-0.5
0.8
-0.5
0.8
V
Input leakage current
ILKG
VIN = VDD
VIN = VSS
10
−10
10
-10
µA
µA
Input hysteresis
VH
All pins (but DRV2)
250
250
mV
Input Hysteresis
VH
On DRV2
250
200
mV
Parameter
Symbol
Conditions
Min
Max
Unit
XTAL1 input high voltage
VIH
2.0
V
XTAL1 input low voltage
VIL
0.4
V
XTAL1 leakage
IXLKG
VIN = VDD
VIN = VSS
400
-400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com