Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 199Page - National Semiconductor (TI) PC87338 Datasheet HTML 200Page - National Semiconductor (TI) PC87338 Datasheet HTML 201Page - National Semiconductor (TI) PC87338 Datasheet HTML 202Page - National Semiconductor (TI) PC87338 Datasheet HTML 203Page - National Semiconductor (TI) PC87338 Datasheet HTML 204Page - National Semiconductor (TI) PC87338 Datasheet HTML 205Page - National Semiconductor (TI) PC87338 Datasheet HTML 206Page - National Semiconductor (TI) PC87338 Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 221 page
background image
203
www.national.com
8.4
SWITCHING CHARACTERISTICS
All the timing specifications given in this section refer to 0.8V and 2.0V on all the signals as illustrated in Figure
90, unless specifically stated otherwise.
FIGURE 90. Testing Specification Standard
8.4.1
Timing Table
TA = 0°C to 70°C, VDD = 5V +/- 10% or 3.3V +/- 10%, VSS = 0V
Symbol
Figure
Parameter
Min
Max
Unit
CLOCK TIMING
CFREQ
Clock Frequency
14.318 MHz Nominal
14.318
- 100 ppm
14.318
+ 100 ppm
MHz
24 MHz Nominal
24 -100 ppm
24+100 ppm
MHz
48 MHz Nominal
48 -100 ppm
48+100 ppm
MHz
tCH
Figure 91
Clock High Pulse
Width
14.318 MHz Nominal
26
ns
24 MHz Nominal
16
ns
48 MHz Nominal
16
ns
tCL
Figure 91
Clock Low Pulse
Width
14.318 MHz Nominal
8
ns
24 MHz Nominal
8
ns
48 MHz Nominal
8
ns
CPU ACCESS TIMING
tAR
Figure 92
Address Valid to Read Active
15
ns
tAW
Figure 93
Address Valid to Write Active
15
ns
tAES
Figures 92,
93
AEN Signal Setup
15
ns
tAEH
Figures 92,
93
AEN Signal Hold
5
ns
tDH
Figure 93
Data Hold
2
ns
tDS
Figure 93
Data Setup
18
ns
tHZ
Figure 92
Data Bus Floating From Read Inactive
25
ns
tRA
Figure 92
Address Hold from Read Inactive
1
ns
tRRV
Figure 92
Read Cycle Recovery
45
ns
tRD
Figure 92
Read Strobe Width
60
1000
ns
tRDH
Figure 92
Read Data Hold
10
ns
tRDV
Figure 92
Data Valid From Read Active
55
ns
tWA
Figure 93
Address Hold from Write Inactive
1
ns
tWRV
Figure 93
Write Cycle Recovery
45
ns
tWR
Figure 93
Write Strobe Width
60
1000
ns
tRI
Figure 92
IRQn Reset Delay from Read Inactive
60
ns
tWI
Figure 93
IRQn Reset Delay from Write Inactive
60
ns
RC
Figure 92
Read Cycle Time (RC > tAR + tRD + tRRV)
123
ns
WR
Figure 93
Write Cycle Time (WR > tAW + tWR+ tWRV)
123
ns
2.4
0.4
2.0
0.8
Test Points
2.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com