Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 200Page - National Semiconductor (TI) PC87338 Datasheet HTML 201Page - National Semiconductor (TI) PC87338 Datasheet HTML 202Page - National Semiconductor (TI) PC87338 Datasheet HTML 203Page - National Semiconductor (TI) PC87338 Datasheet HTML 204Page - National Semiconductor (TI) PC87338 Datasheet HTML 205Page - National Semiconductor (TI) PC87338 Datasheet HTML 206Page - National Semiconductor (TI) PC87338 Datasheet HTML 207Page - National Semiconductor (TI) PC87338 Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 221 page
background image
204
www.national.com
DMA ACCESS TIMING
tDSW
Figure 94
Read or Write Signal Width
60
1000
ns
tDSQ
Figure 94
DRQ Inactive from Read or Write Active
60
ns
tDKS
Figure 94
DACK Signal Setup
15
ns
tDKH
Figure 94
DACK Signal Hold
0
ns
tTCS
Figure 94
TC Signal Setup
60
ns
tTCH
Figure 94
TC Signal Hold from Read or Write Inactive
2
ns
UART AND INFRARED INTERFACE TIMING
tCMW
Figure 95
Modulation Signal
Pulse Width in Sharp-
IR and CEIR
Transmitter
tCWN -25ns
(Note 1)
tCWN +25ns
Receiver
500
ns
tCMP
Figure 95
Modulation Signal
Period in Sharp-IR
and CEIR
Transmitter
tCPN -25 ns
(Note 2)
tCPN +25 ns
Receiver
tMMIN
(Note 3)
tMMAX
tBT
Figure 95
Single Bit Time in
UART and
Sharp-IR
Transmitter
tBTN - 25 ns
(Note 4)
tBTN + 25 ns
Receiver
tBTN - 2%
tBTN + 2%
SDRT
—
SIR Data Rate
Tolerance.
Percent of Nominal
Data Rate.
Transmitter
+/- 0.87%
Receiver
+/- 2.0%
tSJT
—
SIR Leading Edge
Jitter.
Percent of Nominal Bit
Duration.
Transmitter
+/- 2.5%
Receiver
+/- 6.0%
tSPW
Figure 96
SIR Pulse Width
Transmitter,
Variable Width
(3/16) x tBTN
-15 ns
(Note 4)
(3/16) x tBTN
+15 ns
Transmitter,
Fixed Width
1.48
1.78
µs
Receiver
1
µs(1/2) x t
BTN
MDRT
—
MIR Data Rate
Tolerance.
Percent of Nominal
Data Rate.
Transmitter
+/- 0.1%
Receiver
+/- 0.15%
tMJT
—
MIR Leading Edge
Jitter.
Percent of Nominal Bit
Duration.
Transmitter
+/- 2.9%
Receiver
+/- 6.0%
tMPW
Figure 96
MIR Pulse Width
Transmitter
tMWN - 15ns
(Note 5)
tMWN + 15 ns
Receiver
60 ns
(1/2) x tBTN
(Note 4)
Symbol
Figure
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com