Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 201 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 201 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 197Page - National Semiconductor (TI) PC87338 Datasheet HTML 198Page - National Semiconductor (TI) PC87338 Datasheet HTML 199Page - National Semiconductor (TI) PC87338 Datasheet HTML 200Page - National Semiconductor (TI) PC87338 Datasheet HTML 201Page - National Semiconductor (TI) PC87338 Datasheet HTML 202Page - National Semiconductor (TI) PC87338 Datasheet HTML 203Page - National Semiconductor (TI) PC87338 Datasheet HTML 204Page - National Semiconductor (TI) PC87338 Datasheet HTML 205Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 221 page
background image
201
www.national.com
8.2.9
Group 9
These parameters apply only during reset. After reset, the pins in parentheses apply. See Group 7.
PIN LIST:
BADDR0 (RTS1), BADDR1 (SOUT1), CFG0 (SOUT2)
TABLE 119. DC Characteristics of Group 9 Pins
8.2.10 Group 10
PIN LIST:
ADRATE1,0, DENSEL, DIR, DR1,0, DR23, HDSEL, IDLE, MRT1,0, PD, STEP, WDATA, WGATE
TABLE 120. DC Characteristics of Group 10 Pins
8.2.11 Group 11
PIN LIST:
AFD, ASTRB, DSTRB, INIT, PD7-0, SLIN, STB, WRITE
TABLE 121. DC Characteristics of Group 11 Pins
Parameter
Symbol
Conditions
5V
3.3V
Unit
Min
Max
Min
Max
Input leakage current during reset
ILKG
VIN = VDD
VIN = VSS
150
-160
150
-110
µA
µA
Input high voltage
VIH
2.5
5.5
2.5
5.5
Input low voltage
VIL
-0.5
0.8
-0.5
0.8
Parameter
Symbol
Conditions
Min
Max
Unit
5V
3.3V
High output voltage1
Note 1. VOH for the floppy disk interface pins is valid for CMOS buffered output signals only.
VOH
IOH = −4 mA
IOH = −2 mA
2.4
V
Low output voltage
VOL
IOL = 40 mA
IOL = 20mA
0.4
V
High output leakage current
1
ILKG
VIN = VDD
VIN = VSS
VIN = VDD
VIN = VSS
10
−10
µA
µA
Parameter
Symbol Conditions
5V
3.3V
Unit
Min
Max
Min
Max
High level output current1
Note 1. When the Compatible or Extended modes, or EPP 1.7, or ECP mode 0, or ECP mode 2 and bit 1 of PCR is 0
for the parallel port are selected, pins AFD, INIT, SLIN, and STB are open-drain support pins. 4.7 K
Ω resistors
should be used.
IOH
VOH = 2.4
V
-14
-14
mA
Low level output current
IOL
VOL = 0.4
V
14
14
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com