Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 12Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 13Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 14Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 15Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 16Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 17Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 18Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 19Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 2-4. Configuration Memory Map Summary (continued)
START
END
SIZE
C64x+
ADDRESS
ADDRESS
(Bytes)
0x01C8 1000
0x01C8 1FFF
4K
EMAC Control Module Registers
0x01C8 2000
0x01C8 3FFF
8K
EMAC Control Module RAM
0x01C8 4000
0x01C8 47FF
2K
MDIO Control Registers
0x01C8 4800
0x01CF FFFF
494K
Reserved
0x01D0 0000
0x01D0 07FF
2K
McBSP0
0x01D0 0800
0x01D0 0FFF
2K
McBSP1
0x01D0 1000
0x01D0 13FF
1K
McASP0 Control
0x01D0 1400
0x01D0 17FF
1K
McASP0 Data
0x01D0 1800
0x01DF FFFF
1018K
Reserved
0x01E0 0000
0x01E0 0FFF
4K
EMIFA Control
0x01E0 1000
0x01E0 1FFF
4K
VLYNQ Control Registers
0x01E0 2000
0x0FFF FFFF
226M-8K
Reserved
Device Overview
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com