Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 82Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 83Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 84Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 85Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 306 page
background image
3.4.1.4 Serial Boot Modes (I2C, UART[UART0], SPI[McBSP0])
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The C64x+ begins execution from the internal bootloader ROM at address 0x0010 0000.
Depending on the FASTBOOT, AEM[2:0], and PLLMS[2:0] settings, the bootloader code may
program the PLLC1 to PLL Mode to speed up the boot process. See Table 3-5, Table 3-6, and
Table 3-7.
The bootloader code reads the code from EMIFA (NAND) EM_CS2 (address 0x4200 0000) using
AIS format.
EMIFA is configured in NAND mode. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0] and AEAW[2:0].
AEM[2:0] can be configured to 001b [8-bit EMIFA (Async) Pinout Mode 1], 011b [8-bit EMIFA
(Async) Pinout Mode 3], 100b [8-bit EMIFA (NAND) Pinout Mode 4], or 101b [8-bit EMIFA (NAND)
Pinout Mode 5].
This subsection discusses how the bootloader configures the clock dividers for the serial boot modes—I2C
boot, UART boot, and SPI boot.
3.4.1.4.1 I2C Boot
If FASTBOOT = 0, then I2C Boot (BOOTMODE = 0101) is performed in Standard-Mode (up-to 100 kbps).
If FASTBOOT = 1, then I2C Boot is performed in Fast-Mode (up-to 400 kbps). The actual I2C data
transfer rate is dependent on the MXI/CLKIN frequency.
This is how the bootloader programs the I2C:
• I2C Boot in Fast-Mode (BOOTMODE[3:0] = 0101b, FASTBOOT = 1)
I2C register settings: ICPSC.IPSC = 210, ICCLKL.ICCL = 810, ICCKH.ICCH = 810
Resulting in the following I2C prescaled module clock frequency (internal I2C clock):
• (CLKIN frequency in MHz) / 3
Resulting in the following I2C serial clock (SCL):
• SCL frequency (in kHz) = (CLKIN frequency in MHz) / 78 * 1000
• SCL low pulse duration (in µs) = 39 / (CLKIN frequency in MHz)
• SCL high pulse duration (in µs) = 39 / (CLKIN frequency in MHz)
• I2C Boot in Standard-Mode (BOOTMODE[3:0] = 0101b, FASTBOOT = 0)
I2C register settings: ICPSC.IPSC = 210, ICCLKL.ICCL = 4510, ICCKH.ICCH = 4510
Resulting in the following I2C prescaled module clock frequency (internal I2C clock):
• (CLKIN frequency in MHz) / 3
Resulting in the following I2C serial clock (SCL):
• SCL frequency (in kHz) = (CLKIN frequency in MHz) / 300 * 1000
• SCL low pulse duration (in µs) = 150 / (CLKIN frequency in MHz)
• SCL high pulse duration (in µs) = 150 / (CLKIN frequency in MHz)
Note: The I2C peripheral requires that the prescaled module clock frequency must be between 7 MHz
and 12 MHz. Therefore, the I2C boot is only available for MXI/CLKIN frequency between 21 MHz and
30 MHz.
For more details on the I2C periperhal configurations and clock requirements, see the TMS320DM643x
DMP Inter-Integrated Circuit (I2C) Peripheral User’s Guide (literature number SPRU991).
Device Configurations
86
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com