Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 80Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 81Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 82Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 83Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 84Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 85Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 306 page
background image
3.4.1.1 FASTBOOT
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
As shown in Table 3-5, Table 3-6, and Table 3-7, at device reset the Boot Controller defaults the
DSPBOOTADDR to one of two values based on the boot mode selected. In all boot modes, the C64x+ is
immediately
released
from
reset
and
begins
executing
from
address
location
indicated
in
DSPBOOTADDR.
• Internal Bootloader ROM (0x0010 0000): For most boot modes, the DSPBOOTADDR defaults to the
internal Bootloader ROM so that the DSP can immediately execute the bootloader code in the internal
ROM. The bootloader code decodes the captured BOOTMODE, FASTBOOT, PCIEN, default AEM
(DAEM), and PLLMS information (in the BOOTCFG register) to determine the proper boot operation.
Note: For all boot modes that default to DSPBOOTADDR = 0x0010 0000, the bootloader code
disables all C64x+ cache (L2, L1P, and L1D) so that upon exit from the bootloader code, all C64x+
memories are configured as all RAM. If cache use is required, the application code must explicitly
enable the cache. For more information on boot modes, see Section 3.4.1, Boot Modes. For more
information on the bootloader, see the Using the TMS320DM643x Bootloader Application Report
(literature number SPRAAG0).
• EMIFA Chip Select Space 2 (0x4200 0000): The EMIFA ROM Direct Boot in PLL Bypass Mode
(BOOTCFG settings BOOTMODE[3:0] = 0100b, FASTBOOT = 0) is the only exception where the
DSPBOOTADDR defaults to the EMIFA Chip Select Space 2. The DSP begins execution directly from
the external ROM at this EMIFA space.
For more information how the bootloader code handles each boot mode, see Using the TMS320DM643x
Bootloader Application Report (literature number SPRAAG0).
When DM6437 exits pin reset (RESET or POR released), the PLL Controllers (PLLC1 and PLLC2) default
to PLL Bypass Mode. This means the PLLs are disabled, and the MXI/CLKIN clock input is driving the
chip. All the clock domain divider ratios discussed in Section 6.3.4, DM6437 Power and Clock Domains,
still apply. For example, assume an MXI/CLKIN frequency of 27 MHz—meaning the internal clock source
for EMIFA is at CLKDIV3 domain = 27 MHz/3 = 9 MHz, a very slow clock. In addition, the EMIFA registers
are reset to the slowest configuration which translates to very slow peripheral operation/boot.
To optimize boot time, the user should reprogram clock settings via the PLLC as early as possible during
the boot process. The FASTBOOT pin facilitates this operation by allowing the device to boot at a faster
clock rate.
Except for the EMIFA ROM Direct Boot in PLL Bypass Mode (BOOTCFG settings BOOTMODE[3:0] =
0100b, FASTBOOT = 0), all other boot modes default to executing from the Internal Bootloader ROM. The
first action that the bootloader code takes is to decode the boot mode. If the FASTBOOT option is
selected (BOOTCFG.FASTBOOT = 1), the bootloader software begins by programming the PLLC1
(System PLLC) to PLL Mode to give the device a slightly faster operation before fetching code from
external devices. The exact PLL multiplier that the bootloader uses is determined by the AEM[2:0] and
PLLMS[2:0] settings, as shown in Table 3-6 and Table 3-7.
Some boot modes must be accompanied with FASTBOOT = 1 so that the corresponding peripheral can
run at a reasonable rate to communicate to the external device(s). This includes PCI boot.
Note: PLLC2 still stays in PLL Bypass Mode, the bootloader does not reconfigure it.
Device Configurations
84
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com