Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 81Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 82Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 83Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 84Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 85Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 306 page
background image
3.4.1.2 Selecting FASTBOOT PLL Multiplier
3.4.1.3 EMIFA Boot Modes
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-6, Table 3-7, and Table 3-8 show the PLL multipliers used by the bootloader code during fastboot
(FASTBOOT = 1) and the resulting device frequency. The user is responsible for selecting the bootmode
with the appropriate PLL multiplier for their MXI/CLKIN clock source so that the device speed and PLL
frequency range requirements are met. For the PLLC1 Clock Frequency Ranges, see Table 6-15, PLLC1
Clock Frequency Ranges in Section 6.7.1, PLL1 and PLL2.
The following are guidelines for PLL output frequency and device speed (frequency):
• PLL Output Frequency: (PLLOUT = CLKIN frequency * boot PLL Multiplier) must stay within the
PLLOUT frequency range in Table 6-15, PLLC1 Clock Frequency Ranges.
• Device Frequency: (SYSCLK1) calculated from Table 3-6 and Table 3-7 must not exceed the
SYSCLK1 maximum frequency in Table 6-15, PLLC1 Clock Frequency Ranges.
For example, for a 600-MHz device with a CLKIN = 27 MHz, in order to stay within the PLLOUT
frequency range and SYSCLK1 maximum frequency from Table 6-15, PLLC1 Clock Frequency
Ranges, the user must select a boot mode with a PLL1 multiplier between x15 and x22.
As shown in Table 3-5, Table 3-6, and Table 3-7, there are different types of EMIFA Boot Modes. This
subsection summarizes these types of EMIFA boot modes. For further detailed information, see the Using
the TMS320DM643x Bootloader Application Report (literature number SPRAAG0).
• EMIFA ROM Direct Boot in PLL Bypass Mode (FASTBOOT = 0, BOOTMODE[3:0] = 0100b)
The C64x+ fetches the code directly from EMIFA Chip Select 2 Space [EM_CS2] (address
0x4200 0000)
The PLL is in Bypass Mode
EMIFA is configured as Asynchronous EMIF. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0] and AEAW[2:0].
AEM[2:0] must be configured to 001b [8-bit EMIFA (Async) Pinout Mode 1] or 011b [8-bit EMIFA
(Async) Pinout Mode 3].
• EMIFA ROM Fastboot with AIS (FASTBOOT = 1, BOOTMODE[3:0] = 0100b)
The C64x+ begins execution from the internal bootloader ROM at address 0x0010 0000.
The bootloader code programs PLLC1 to PLL Mode to speed up the boot process. The PLL
multiplier value is determined by the AEM[2:0] and PLLMS[2:0] configurations as shown in
Table 3-6 and Table 3-7.
The bootloader code reads code from the EMIFA EM_CS2 space using the application image script
(AIS) format.
EMIFA is configured as Asynchronous EMIF. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0] and AEAW[2:0].
AEM[2:0] must be configured to 001b [8-bit EMIFA (Async) Pinout Mode 1] or 011b [8-bit EMIFA
(Async) Pinout Mode 3].
• EMIFA ROM Fastboot without AIS: (FASTBOOT = 1, BOOTMODE[3:0] = 1001b)
The C64x+ begins execution from the internal bootloader ROM at address 0x0010 0000.
The bootloader code programs PLLC1 to PLL Mode to speed up the boot process. The PLL
multiplier value is determined by the AEM[2:0] and PLLMS[2:0] configurations as shown in
Table 3-6 and Table 3-7.
The bootloader code then jumps to the EMIFA EM_CS2 space, at which point the C64x+ fetches
the code directly from address 0x4200 0000.
EMIFA is configured as Asynchronous EMIF. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0] and AEAW[2:0].
AEM[2:0] must be configured to 001b [8-bit EMIFA (Async) Pinout Mode 1] or 011b [8-bit EMIFA
(Async) Pinout Mode 3].
• NAND Flash Boot: (FASTBOOT = 0 or 1, BOOTMODE[3:0] = 0111b)
Submit Documentation Feedback
Device Configurations
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com