Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 93Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 94Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 95Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 96Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 97Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 98Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 99Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 100Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 306 page
background image
3.6.2.1 HPI Control Register (HPICTL)
3.6.2.2 Timer Control Register (TIMERCTL)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The HPI Control (HPICTL) register determines the Host Burst Write Time-Out value. The user should
only modify this register once during device initialization. When modifying this register, the user
must ensure the HPI FIFOs are empty and there are no on-going HPI transactions.
31
16
RESERVED
R-0000 0000 0000 0000
15
10
9
8
7
0
RESERVED
RESERVED
TIMOUT
R- 0000 00
R/W-00
R/W-1000 0000
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-8. HPICTL Register— 0x01C4 0030
Table 3-16. HPICTL Register Description
Bit
Field Name
Description
31:10
RESERVED Reserved. Read-only, writes have no effect.
9:8
RESERVED Reserved. For proper device operation, the user should only write "0" to these bits (default).
Host Burst Write Timeout Value
When the HPI time-out counter reaches the value programmed here, the HPI write FIFO content is flushed. For
7:0
TIMOUT
more details on the time-out counter and its use in write bursting, see the TMS320DM643x DMP Host Port
Interface (HPI) User's Guide (literature number SPRU998).
The Timer Control Register (TIMERCTL) provides additional control for Timer0 and Timer2. The user
should only modify this register once during device initialization, when the corresponding Timer is
not in use.
• Timer 2 Control: The TIMERCTL.WDRST bit determines if the WatchDog timer event (Timer 2) can
cause a device max reset. For more details on the description of a maximum reset, see Section 6.5.3,
Maximum Reset.
• Timer 0 Control: The TINP0SEL bit selects the clock source connected to Timer0's TIN0 input.
31
16
RESERVED
R-0000 0000 0000 0000
15
2
1
0
TINP0
WD
RESERVED
SEL
RST
R- 0000 0000 0000 00
R/W-0
R/W-1
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-9. TIMERCTL Register— 0x01C4 0084
Submit Documentation Feedback
Device Configurations
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com