Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 33Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 34Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 35Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 36Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 37Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 38Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 39Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 40Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-11. EMIFA Terminal Functions (EMIFA Pinout Mode 3, AEM[2:0] = 011) (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and
GPIO.
For EMIFA, it is Chip Select 5 output EM_CS5 for use with NAND
HSYNC/EM_CS5/
IPD
flash.
F19
J22
I/O/Z
GP[33]
DVDD33
Note: This pin features an internal pulldown (IPD). If this pin is
connected and used as an EMIFA chip select signal, for proper device
operation, an external pullup resistor must be used to ensure the
EM_CSx function defaults to an inactive (high) state.
CI7(CCD15) /
EM_A[13]/
IPD
B10
A12
I/O/Z
AD25/
DVDD33
EM_D[0]/GP[51]
CI6(CCD14) /
EM_A[14]/
IPD
A10
A13
I/O/Z
AD27/
DVDD33
EM_D[1]/GP[50]
CI5(CCD13) /
EM_A[15]/
IPD
B11
C13
I/O/Z
AD29/
DVDD33
EM_D[2]/GP[49]
CI4(CCD12) /
EM_A[16]/
IPD
C11
B13
I/O/Z
These pins are multiplexed between VPFE (CCDC), EMIFA (NAND),
PGNT/
DVDD33
PCI, and GPIO.
EM_D[3]/GP[48]
CI3(CCD11)/
For EMIFA (NAND) AEM[2:0] = 011, these pins are the 8-bit
EM_A[17]/
IPD
bi-directional data bus (EM_D[7:0]).
A11
B14
I/O/Z
AD31/
DVDD33
EM_D[4]/GP[47]
CI2(CCD10)/
EM_A[18]/
IPD
D11
A14
I/O/Z
PRST/
DVDD33
EM_D[5]/GP[46]
CI1(CCD9)/
EM_A[19]/
IPD
B12
C14
I/O/Z
PREQ/
DVDD33
EM_D[6]/GP[45]
CI0(CCD8)/
EM_A[20]/
IPD
C12
C15
I/O/Z
PINTA/
DVDD33
EM_D[7]/GP[44]
Submit Documentation Feedback
Device Overview
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com