Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 91Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 92Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 93Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 94Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 95Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 96Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 306 page
background image
3.5.1.1 EMIFA Pinout Mode (AEM[2:0])
3.5.1.2 EMIFA Address Width Select (AEAW) and FASTBOOT PLL Multiplier Select (PLLMS)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
For proper device operation, external pullup/pulldown resistors may be required on these device boot and
configuration pins. For discussion situations where external pullup/pulldown resistors are required, see
Section 3.9.1, Pullup/Pulldown Resistors.
Note: Except for PCIEN, all other DM6437 configuration inputs (BOOTMODE[3:0], FASTBOOT,
AEAW[2:0]/PLLMS[2:0] and AEM[2:0]) are multiplexed with other functional pins. These pins function as
device boot and configuration pins only during device reset. The user must take care of any potential data
contention in the system. To help avoid system data contention, the DM6437 puts these configuration pins
into a high-impedance state (Hi-Z) when device reset (RESET or POR) is asserted, and continues to hold
them in a high-impedance state until the internal global reset is removed; at which point, the default
peripheral (either GPIO or EMIFA based on default of AEM[2:0]) will now control these pins.
All of the device boot and configuration pin settings are captured in the corresponding bit fields in the
BOOTCFG register (see Section 3.4.2.1).
The following subsections provide more details on the device configurations determined at device reset:
AEM, AEAW/PLLMS, and PCIEN.
To support different usage scenarios, the DM6437 provides intricate pin multiplexing between the EMIFA
and other peripherals. The PINMUX0.AEM register bit field in the System Module determines the EMIFA
Pinout Mode. The AEM[2:0] pins only select the default EMIFA Pinout Mode. It is latched at device reset
de-assertion (high) into the BOOTCFG.DAEM bit field. The AEM[2:0] value also sets the default of the
PINMUX0.AEM bit field. While the BOOTCFG.DAEM bit field shows the actual latched value and cannot
be modified, the PINMUX0.AEM value can be changed by software to modify the EMIFA Pinout Mode.
Note: The AEM[2:0] value does not affect the operation of the EMIFA module itself. It only affects which
EMIFA pins are brought out to the device pins. For more details on the AEM settings, see Section 3.7,
Multiplexed Pin Configurations.
In addition, for Fastboot modes (FASTBOOT = 1), the bootloader code determines the PLL1 multiplier
based on the default settings of AEM[2:0] and PLLMS[2:0]. For more details, see Section 3.4.1.1,
Fastboot, and Section 3.5.1.2, EMIFA Address Width Select (AEAW) and FASTBOOT PLL Multiplier
Select (PLLMS).
The AEAW[2:0]/PLLMS[2:0] pins serve two functional purposes (AEAW or PLLMS), depending on the
FASTBOOT and AEM settings. The AEAW[2:0]/PLLMS[2:0] pins are latched at device reset de-assertion
(high) and captured in the BOOTCFG.PLLMS bit field. This value also sets the default of the
PINMUX0.AEAW field.
While the BOOTCFG.PLLMS field shows the actual latched value and cannot be modified, the
PINMUX0.AEAW value can be changed by software to modify the EMIFA pinout.
AEAW as EMIFA Address Width Select (AEAW)
If AEM[2:0] = 001b [8-bit EMIFA (Async) Pinout Mode 1], the AEAW[2:0]/PLLMS[2:0] pins serve as AEAW
to set the default of the EMIFA Address Width Selection.
When EMIFA is used in the 8-bit EMIFA (Async) Pinout Mode 1 (PINMUX0.AEM = 001b), the user has the
option to determine how many address pins are needed. The unused address pins can be used as
general-purpose input/output (GPIO) pins or extra data pins for VPFE. For more details on how the AEAW
settings control the exact pin out when AEM = 001b, see Section 3.7.3.13, EMIFA/VPSS Block Muxing.
For other EMIFA Pinout Modes (AEM not 001b), AEAW is not applicable in determining the EMIFA
address width.
Note: AEAW[2:0] value does not affect the operation of the EMIFA module itself. It only affects which of
the EMIFA address bits are brought out to the device pins.
Submit Documentation Feedback
Device Configurations
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com