Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 4 Page - Texas Instruments

  TNETV1644ZDU6 Datasheet HTML 1Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 2Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 3Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 4Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 5Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 6Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 7Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 8Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The Video Processing Back-End (VPBE) is comprised of an On-Screen Display Engine (OSD) and a
Video Encoder (VENC). The OSD engine is capable of handling 2 separate video windows and 2 separate
OSD windows. Other configurations include 2 video windows, 1 OSD window, and 1 attribute window
allowing up to 8 levels of alpha blending. The VENC provides four analog DACs that run at 54 MHz,
providing a means for composite NTSC/PAL video, S-Video, and/or Component video output. The VENC
also provides up to 24 bits of digital output to interface to RGB888 devices. The digital output is capable of
8/16-bit BT.656 output and/or CCIR.601 with separate horizontal and vertical syncs.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the DM6437 and
the network. The DM6437 EMAC support both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps)
and 100 Mbps in either half- or full-duplex mode, with hardware flow control and quality of service (QOS)
support.
The Management Data Input/Output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The I2C and VLYNQ ports allow DM6437 to easily control peripheral devices and/or communicate with
host processors.
The high-end controller area network (CAN) controller [HECC] module provides a network protocol in a
harsh environment to communicate serially with other controllers, typically in automotive applications.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The DM6437 has a complete set of development tools. These include C compilers, a DSP assembly
optimizer to simplify programming and scheduling, and a Windows™ debugger interface for visibility into
source code execution.
TMS320DM6437 Digital Media Processor
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com