Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 9Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 10Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 11Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 12Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 13Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 14Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 15Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 16Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 306 page
background image
2.4 Memory Map Summary
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-2. C64x+ Cache Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0184 8000 - 0x0184 80BC
MAR0 - MAR47
Reserved (corresponds to byte address 0x0000 0000 - 0x2FFF FFFF)
Memory Attribute Registers for PCI Data (corresponds to byte address
0x0184 80C0 - 0x0184 80FC
MAR48 - MAR63
0x3000 0000 - 0x3FFF FFFF)
0x0184 8100 - 0x0184 8104
MAR64 - MAR65
Reserved (corresponds to byte address 0x4000 0000 - 0x41FF FFFF)
Memory Attribute Registers for EMIFA
0x0184 8108 - 0x0184 8124
MAR66 - MAR73
(corresponds to byte address 0x4200 0000 - 0x49FF FFFF)
0x0184 8128 - 0x0184 812C
MAR74 - MAR75
Reserved (corresponds to byte address 0x4A00 0000 - 0x4BFF FFFF)
Memory Attribute Registers for VLYNQ (corresponds to byte address
0x0184 8130 - 0x0184 813C
MAR76 - MAR79
0x4C00 0000 - 0x4FFF FFFF)
0x0184 8140- 0x0184 81FC
MAR80 - MAR127
Reserved (corresponds to byte address 0x5000 0000 - 0x7FFF FFFF)
Memory Attribute Registers for DDR2
0x0184 8200 - 0x0184 823C
MAR128 - MAR143
(corresponds to byte address 0x8000 0000 - 0x8FFF FFFF)
0x0184 8240 - 0x0184 83FC
MAR144 - MAR255
Reserved (corresponds to byte address 0x9000 0000 - 0xFFFF FFFF)
Table 2-3 shows the memory map address ranges of the device. Table 2-4 depicts the expanded map of
the Configuration Space (0x0180 0000 through 0x0FFF FFFF). The device has multiple on-chip memories
associated with its two processors and various subsystems. To help simplify software development a
unified memory map is used where possible to maintain a consistent view of device resources across all
bus masters.
Submit Documentation Feedback
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com