Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 79Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 80Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 81Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 82Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 83Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 84Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 85Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-7. User-Select Multiplier Fastboot Modes (FASTBOOT = 1, AEM[2:0] = 000b, 011b, 100b, or 101b)
DEVICE BOOT AND
PLLC1 CLOCK SETTING AT BOOT
CONFIGURATION PINS
DM6437 DMP
DSPBOOTADDR
BOOT DESCRIPTION(1)
DEVICE
(Master/Slave)
(DEFAULT)(1)
PLL
CLKDIV1 DOMAIN
BOOTMODE[3:0]
PCIEN
FREQUENCY
MODE(2)
(SYSCLK1 DIVIDER)
(SYSCLK1)
0000
0 or 1
No Boot (Emulation Boot)
Master
Bypass
/1
CLKIN
0x0010 0000
0
Reserved
0001
PCI Boot without Auto
1
Slave
Table 3-8
/2
Table 3-8
0x0010 0000
Initialization
0
HPI Boot
Slave
Table 3-8
/2
Table 3-8
0x0010 0000
0010
PCI Boot with Auto
1
Slave
Table 3-8
/2
Table 3-8
0x0010 0000
Initialization
0011
0 or 1
Reserved
EMIFA ROM FASTBOOT
0100
0 or 1
Master
Table 3-8
/2
Table 3-8
0x0010 0000
with AIS
I2C Boot
0101
0 or 1
Master
Table 3-8
/2
Table 3-8
0x0010 0000
[FAST MODE](3)
16-bit SPI Boot
0110
0 or 1
Master
Table 3-8
/2
Table 3-8
0x0010 0000
[McBSP0]
0111
0 or 1
NAND Flash Boot
Master
Table 3-8
/2
Table 3-8
0x0010 0000
UART Boot without
1000
0 or 1
Hardware Flow Control
Master
Table 3-8
/2
Table 3-8
0x0010 0000
[UART0]
EMIFA ROM FASTBOOT
1001
0 or 1
Master
Table 3-8
/2
Table 3-8
without AIS
1010
0 or 1
VLYNQ Boot
Slave
x20
/2
CLKIN x20 / 2
0x0010 0000
1011
0 or 1
Reserved
1100
0 or 1
Reserved
1101
0 or 1
Reserved
UART Boot with
1110
0 or 1
Hardware Flow Control
Master
Table 3-8
/2
Table 3-8
0x0010 0000
[UART0]
24-bit SPI Boot
1111
0 or 1
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
(McBSP0 + GP[97])
(1)
For all boot modes that default to DSPBOOTADDR = 0x0010 0000, the bootloader code disables all C64x+ cache (L2, L1P, and L1D)
so that upon exit from the bootloader code, all C64x+ memories are configured as all RAM. If cache use is required, the application
code must explicitly enable the cache. For more information on the bootloader, see the Using the TMS320DM643x Bootloader
Application Report (literature number SPRAAG0).
(2)
Any supported PLL MODE is available. [See Table 3-8 for supported DM6437 PLL MODE options].
(3)
I2C Boot (BOOTMODE[3:0] = 0101b) is only available if the MXI/CLKIN frequency is between 21 MHz to 30 MHz. I2C Boot is not
available for MXI/CLKIN frequencies less than 21 MHz.
Table 3-8. PLL Multiplier Selection (PLLMS[2:0]) in User-Select Multiplier Fastboot Modes
(FASTBOOT = 1; AEM[2:0] = 000b, 011b, 100b, or 101b)
DEVICE BOOT AND
PLLC1 CLOCK SETTING AT BOOT
CONFIGURATION PINS
CLKDIV1 DOMAIN
PLLMS[2:0]
PLL MODE
DEVICE FREQUENCY (SYSCLK1)
(SYSCLK1 DIVIDER)
000
x20
/2
CLKIN x20 / 2
001
x15
/2
CLKIN x15 / 2
010
x16
/2
CLKIN x16 / 2
011
x18
/2
CLKIN x18 / 2
100
x22
/2
CLKIN x22 / 2
101
x25
/2
CLKIN x25 / 2
110
x27
/2
CLKIN x27 / 2
111
x30
/2
CLKIN x30 / 2
Submit Documentation Feedback
Device Configurations
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com