Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 51Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 52Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 53Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 54Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 55Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 56Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 57Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 58Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-20. VPBE Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
R0/EM_A[4]/
IPD
This pin is multiplexed between VPBE, EMIFA, and GPIO.
GP[10]/
A17
B21
I/O/Z
DVDD33
In VPBE mode, this pin is the RGB666/888 Red output data bit 0, R0.
(AEAW2/PLLMS2)
G1/EM_A[1]/
This pin is multiplexed between VPBE, EMIFA, and GPIO.
IPD
(ALE)/GP[9]/
A16
B20
I/O/Z
In VPBE mode, this pin is the RGB666/888 Green output data bit 1,
DVDD33
(AEAW1/PLLMS1)
G1.
B1/EM_A[2]/
This pin is multiplexed between VPBE, EMIFA, and GPIO.
IPD
(CLE)/GP[8]/
B16
A20
I/O/Z
In VPBE mode, this pin is the RGB666/888 Blue output data bit 1,
DVDD33
(AEAW0/PLLMS0)
B1.
R1/EM_A[0]/
IPD
This pin is multiplexed between VPBE, EMIFA, and GPIO.
B17
C21
I/O/Z
GP[7]/(AEM2)
DVDD33
In VPBE mode, this pin is the RGB666/888 Red output data bit 1, R1.
R2/EM_BA[0]/
IPD
This pin is multiplexed between VPBE, EMIFA, and GPIO.
C17
E20
I/O/Z
GP[6]/(AEM1)
DVDD33
In VPBE mode, this pin is the RGB666/888 Red output data bit 2, R2.
This pin is multiplexed between VPBE, EMIFA, and GPIO.
B2/EM_BA[1]/
IPD
C16
C20
I/O/Z
In VPBE mode, this pin is the RGB666/888 Blue output data bit 2,
GP[5]/(AEM0)
DVDD33
B2.
Submit Documentation Feedback
Device Overview
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com