Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 11Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 12Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 13Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 14Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 15Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 16Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 17Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 18Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-4. Configuration Memory Map Summary
START
END
SIZE
C64x+
ADDRESS
ADDRESS
(Bytes)
0x0180 0000
0x0180 FFFF
64K
C64x+ Interrupt Controller
0x0181 0000
0x0181 0FFF
4K
C64x+ Powerdown Controller
0x0181 1000
0x0181 1FFF
4K
C64x+ Security ID
0x0181 2000
0x0181 2FFF
4K
C64x+ Revision ID
0x0182 0000
0x0182 FFFF
64K
C64x+ EMC
0x0183 0000
0x0183 FFFF
64K
Reserved
0x0184 0000
0x0184 FFFF
64K
C64x+ Memory System
0x0185 0000
0x0187 FFFF
192K
Reserved
0x0188 0000
0x01BB FFFF
3328K
Reserved
0x01BC 0000
0x01BC 00FF
256
Reserved
0x01BC 0100
0x01BC 01FF
256
Pin Manager and Trace
0x01BC 0400
0x01BF FFFF
255K
Reserved
0x01C0 0000
0x01C0 FFFF
64K
EDMA CC
0x01C1 0000
0x01C1 03FF
1K
EDMA TC0
0x01C1 0400
0x01C1 07FF
1K
EDMA TC1
0x01C1 0800
0x01C1 0BFF
1K
EDMA TC2
0x01C1 0C00
0x01C1 9FFF
5K
Reserved
0x01C1 A000
0x01C1 A7FF
2K
PCI Control Register(1)
0x01C1 A800
0x01C1 FFFF
22K
Reserved
0x01C2 0000
0x01C2 03FF
1K
UART0
0x01C2 0400
0x01C2 07FF
1K
UART1
0x01C2 0800
0x01C2 0FFF
2K
Reserved
0x01C2 1000
0x01C2 13FF
1K
I2C
0x01C2 1400
0x01C2 17FF
1K
Timer0
0x01C2 1800
0x01C2 1BFF
1K
Timer1
0x01C2 1C00
0x01C2 1FFF
1K
Timer2 (Watchdog)
0x01C2 2000
0x01C2 23FF
1K
PWM0
0x01C2 2400
0x01C2 27FF
1K
PWM1
0x01C2 2800
0x01C2 2BFF
1K
PWM2
0x01C2 2C00
0x01C2 2FFF
1K
Reserved
0x01C2 3000
0x01C2 3FFF
4K
HECC Control(2)
0x01C2 4000
0x01C2 53FF
5K
HECC RAM
0x01C2 5400
0x01C3 FFFF
107K
Reserved
0x01C4 0000
0x01C4 07FF
2K
System Module
0x01C4 0800
0x01C4 0BFF
1K
PLL Controller 1
0x01C4 0C00
0x01C4 0FFF
1K
PLL Controller 2
0x01C4 1000
0x01C4 1FFF
4K
Power and Sleep Controller
0x01C4 2000
0x01C6 6FFF
148K
Reserved
0x01C6 7000
0x01C6 77FF
2K
GPIO
0x01C6 7800
0x01C6 7FFF
2K
HPI
0x01C6 8000
0x01C6 FFFF
32K
Reserved
0x01C7 0000
0x01C7 3FFF
16K
VPSS Registers
0x01C7 4000
0x01C7 FFFF
48K
Reserved
0x01C8 0000
0x01C8 0FFF
4K
EMAC Control Registers
(1)
Access to certain PCI registers when there is no active PCI clock may hang the device. For more information, see the TMS320DM643x
Peripheral Component Interconnect (PCI) Reference Guide (literature number SPRU985).
(2)
Software must not access "Reserved" locations of the HECC. Access to HECC "Reserved" locations may hang the device.
Submit Documentation Feedback
Device Overview
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com