Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 3Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 4Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 5Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 6Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 7Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 8Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 9Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 10Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 306 page
background image
Revision History
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS345C device-specific
data manual to make it an SPRS345D revision.
Scope: Applicable updates to the TMS320DM643x DMP, specifically relating to the TMS320DM6437
device, have been incorporated.
• Added 660- and 700-MHz C64x+™ device speeds.
• Added designators for low-power (-L) devices.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Updated/Changed signal name from "C_WE" to "C_WE"
Updated/Changed signal name from "C_WEN" to "C_WE"
Section 1.1
Added "5280, 5600 MIPS" to "High-Performance Digital Signal Processor (DM6437)" bullet
Section 1.2
In first paragraph, updated/changed the following:
First sentence from "With performance up to 4800 million instructions per second (MIPS) at a clock
rate of 600 MHz..." to "With performance up to 5600 million instructions per second (MIPS) with a
clock rate of 700 MHz..."
Fifth sentence from "The DSP core can produce...for a total of 2400 million MACs per second...or a
total of 4800 MMACS."to "The DSP core can produce...for a total of 2800 million MACs per
second...or a total of 5600 MMACS."
Section 2.6
Table 2-24, Multichannel Audio Serial Port (McASP0) Terminal Functions:
Updated/Changed AFSR0/DR0/GP[100] pin description from "... frame synchronization AFSX0..." to
"...frame synchronization AFSR0..."
Updated/Changed AFSX0/DX1/GP[107] pin description from "...frame synchronization AFSR0..." to
"...frame synchronization AFSX0..."
Table 2-21, DAC [Part of VPBE] Terminal Functions:
Updated/Changed VDDA_1P1V description
Section 2.8
Updated/Changed Figure 2-10, Device Nomenclature, to reflect new device speeds and low-power
designator (-L suffix).
Section 5
Added footnote to Section 5.1, Absolute Maximum Ratings Over Operating Temperature Range (Unless
Otherwise Noted).
Section 5
Updated/Changed ICDD and IDDD test conditions and footnote in Section 5.3, Electrical Characteristics Over
Recommended Ranges of Supply Voltage and Operating Temperature (Unless Otherwise Noted).
Section 6.7.1
Table 6-15, PLLC1 Clock Frequency Ranges:
Updated/Changed PLLOUT 1.2V-CVDD max value from "700 MHz" to "600 MHz" for
-6/-5/-4/-L/-Q6/-Q5/-Q4 devices.
Updated/Changed SYSCLK1 1.05V-CVDD max value from "560 MHz" to "520 MHz" for -7 devices.
Section 5.2
Deleted "Future variants..." footnote from table
Section 6.7.1
Updated/Changed sentence from "TI requires EMI filter manufacturer Murata..." to "TI recommends EMI
filter manufacturer Murata..."
Section 6.7.4
Deleted "(-4, -4Q, -4S, -5, -5Q, -5S, -6)" from Table 6-19 title, Timing Requirements for MXI/CLKIN.
Submit Documentation Feedback
Revision History
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com