Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 91Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 92Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 93Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 94Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 95Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 306 page
background image
3.5 Configurations At Reset
3.5.1
Device and Peripheral Configurations at Device Reset
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Some device configurations are determined at reset. The following subsections give more details.
Table 2-5, BOOT Terminal Functions lists the device boot and configuration pins that are latched at device
reset for configuring basic device settings for proper device operation. Table 3-12, summarizes the device
boot and configuration pins, and the device functions that they affect.
Table 3-12. Default Functions Affected by Device Boot and Configuration Pins
DEVICE BOOT AND
BOOT SELECTED
PIN MUX CONTROL
GLOBAL SETTING
PERIPHERAL SETTING
CONFIGURATION PINS
BOOTMODE[3:0]
Boot Mode
PINMUX0/PINMUX1
I/O Pin Power:
PSC/Peripherals:
Registers:
Based on
Based on
Based on
BOOTMODE[3:0], the
BOOTMODE[3:0], the
BOOTMODE[3:0], the
bootloader code programs bootloader code programs
bootloader code programs VDD3P3V_PWDN register the PSC to put
PINMUX0 and PINMUX1
to power up the I/O pins
boot-related peripheral(s)
registers to select the
required for boot.
in the Enable State, and
appropriate pin functions
programs the peripheral(s)
required for boot.
for boot operation.
FASTBOOT
Fastboot
Sets Device Frequency:
Based on BOOTMODE,
FASTBOOT, PLLMS, and
AEM the bootloader code
programs PLLC1.
AEAW[2:0]/PLLMS[2:0]
If FASTBOOT = 1 and
PINMUX0.AEAW:
Sets Device Frequency:
AEM = 000b, 011b, 100b
AEAW[2:0] sets the
Based on BOOTMODE,
or 101b the PLLMS[2:0]
default of this field to
FASTBOOT, PLLMS, and
selects the FASTBOOT
control the EMIFA
AEM the bootloader code
PLL Multiplier.
address bus width (only
programs PLLC1.
applicable if
PINMUX0.AEM = 001b).
Affects the pin muxing in
EMIFA/VPSS Sub-Block
0.
AEM[2:0]
Together with FASTBOOT PINMUX0.AEM:
Sets Device Frequency:
PSC/EMIFA:
and PLLMS[2:0] ,
Sets the default of this
Based on BOOTMODE,
The EMIFA module state
determines the
field to control the EMIFA
FASTBOOT, PLLMS, and
defaults to SwRstDisable
FASTBOOT PLL
Pinout Mode.
AEM the bootloader code
if AEM = 0; otherwise, the
Multiplier.
programs PLLC1.
EMIFA module state
Affects the pin muxing in
defaults to Enable.
EMIFA/VPSS Sub-Block
0, 1, and 3.
PCIEN(1)
Host Boot:
PINMUX1.PCIEN:
PSC/Peripheral
PCIEN selects the type of
sets this field to control
(Applicable to Host Boot
Host Boot
the PCI pin muxing in
only):
(HPI Boot or PCI Boot)
Host Block, PCI Data
Based on the Host Boot
Block, GPIO Block,
type (PCI or HPI), the
EMIFA/VPSS Sub-Block 0
bootloader code programs
and Sub-Block 3.
the PSC to put the
(1) (2)
corresponding peripheral
in the Enable State, and
programs the peripheral
for boot operation.
(1)
Software can modify all PINMUX0 and PINMUX1 bit fields from their defaults, except for PINMUX1.PCIEN.
(2)
In addition to pin mux control, PCIEN also affects the internal pullup/down resistors of the PCI capable pins. When PCIEN = 0, internal
pullup/down resistors on the PCI capable pins are enabled. When PCIEN = 1, internal pullup/down resistors on the PCI capable pins are
disabled to be compliant to the PCI Local Bus Specification Revision 2.3.
Device Configurations
92
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com