Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 52Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 53Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 54Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 55Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 56Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 57Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 58Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 59Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 2-21. DAC [Part of VPBE] Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
DAC[A:D]
Reference voltage input (0.5 V)
DAC_VREF
N19
V22
A I
(3)
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be tied directly to VSS.
Output of DAC A
DAC_IOUT_A
P19
V21
A O
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be left unconnected.
Output of DAC B
DAC_IOUT_B
P18
U22
A O
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be left unconnected.
Output of DAC C
DAC_IOUT_C
N18
T21
A O
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be left unconnected.
Output of DAC D
DAC_IOUT_D
N17
T22
A O
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be left unconnected.
1.8 V Analog I/O power
VDDA_1P8V
P17
V20
S
(3)
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be tied directly to VSS.
Analog I/O ground
VSSA_1P8V
P16
U20
GND
(3)
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be tied directly to VSS.
1.20 V Analog core supply voltage
(-7/-6/-5/-4/-L/-Q6/-Q5/-Q4 devices)
1.05 V Analog core supply voltage
VDDA_1P1V
N15
T20
S
(3)
(-7/-6/-5/-4/-L/-Q5 devices)
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be tied directly to VSS.
Analog core ground
VSSA_1P1V
P15
T19
GND
(3)
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be tied directly to VSS.
External resistor connection for current bias configuration.
This must be connected via a 4 k
Ω resistor to V
SSA_1P8V.
DAC_RBIAS
N16
U21
A I
(3)
Note: If the DAC peripheral is not being used, for proper device
operation, this pin must be tied directly to VSS.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
(3)
For more information, see the Recommended Operating Conditions table
Device Overview
56
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com