Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 85Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 91Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 92Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-9. BOOTCFG Register Description
Bit
Field Name
Description
31:20
RESERVED
Reserved. Writes have no effect.
Fastboot (see Section 3.4.1.1, FASTBOOT)
This field is used by the device bootloader code to determine if it needs to speed up the device to PLL mode
before booting.
19
FASTBOOT
0 = No Fastboot
1 = Fastboot
The default value is latched from FASTBOOT configuration pin.
18
RSV
Reserved. Writes have no effect.
PINMUX1.PCIEN Default (see Section 3.5.1.3, PCI Enable)
For more details on the PCIEN settings, see Section 3.7.2.2, PINMUX1 Register Description.
This field affects the pin mux control by setting the default of PINMUX1.PCIEN. This field determines if the
internal pullup/pulldown resistors on the PCI capable pins are enabled/disabled. This field does not affect PCI
17
DPCIEN
register setting.
The user must keep the value on the PCIEN pin constant throughout the operation.
The default value is from the PCIEN configuration pin.
16:15
RSV
Reserved. Writes have no effect.
PINMUX0.AEAW default [AEAW] and Fastboot PLL Multiplier Select [PLLMS] (see Section 3.5.1.2, EMIFA
Address Width Select [AEAW] and Fast Boot PLL Multiplier Select [PLLMS])
The AEAW[2:0]/PLLMS configuration pins serve two purposes:
AEAW[2:0]: 8-bit EMIFA (Async) Pinout Mode 1 Address Width
If AEM = 001, this field serves as AEAW and it indicates the 8-bit EMIFA (Async) Pinout Mode 1 Address
Width. In this case, this field affects pin mux control only by setting the default of Pin Mux Control Register
14:12
PLLMS
PINMUX0.AEAW[2:0]. This field does not affect EMIFA register settings.
For more details on the AEAW settings, see Section 3.7.2.1, PINMUX0 Register Description.
PLLMS: Fastboot PLL Multiplier Select
If FASTBOOT = 1 and AEM[2:0] = 000b, 011b, 100b, or 101b, this field selects the FASTBOOT PLL Multiplier.
In this case, this field does not affect the pin mux control or the EMIFA register settings. The bootloader code
uses this field to determine the PLL multiplier used for Fastboot.
11
RSV
Reserved. Writes have no effect.
PINMUX0.AEM default [DAEM] (see Section 3.5.1.1, EMIFA Pinout Mode (AEM[2:0]))
For more details on the AEM settings, see Section 3.7.2.1, PINMUX0 Register Description.
10:8
DAEM
This field affects pin mux control by setting the default of PINMUX0.AEM. This field does not affect EMIFA
Register settings.
The default value is latched from the AEM[2:0] configuration pins.
7:4
RESERVED
Reserved. Writes have no effect.
Boot Mode (see Section 3.4.1, Boot Modes)
This field is used in conjunction with FASTBOOT, PCIEN, AEM, and PLLMS to determine the device boot
3:0
BOOTMODE
mode.
The default value is latched from the BOOTMODE[3:0] configuration pins.
Submit Documentation Feedback
Device Configurations
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com