Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 91Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 92Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 93Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 94Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 306 page
background image
3.4.2.3 DSPBOOTADDR Register
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The DSP Boot Address (DSPBOOTADDR) register contains the starting address for the C64x+ CPU.
Whenever the C64x+ is released from reset, it begins executing from the location pointed to by
DSPBOOTADDR register. For Host boots (PCI Boot or HPI boot), the DSPBOOTADDR register is also
used for communication between the Host and the bootloader code during boot.
The DSPBOOTADDR register is reset by any device-level global reset. For the list of device-level global
resets, see Section 6.5, Reset.
31
0
DSPBOOTADDR
R/W-0x0010 0000 or 0x4200 00000
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-5. DSPBOOTADDR Register— 0x01C4 0008
Table 3-11. DSPBOOTADDR Register Description
Bit
Field Name
Description
DSP Boot Address
After boot, the C64x+ CPU begins execution from this 32-bit address location. The lower 10 bits
(bits 9:0) should always be programmed to "0" as they are ignored by the C64x+. The default
value of the DSPBOOTADDR depends on the boot mode selected.
31:0
DSPBOOTADDR
The DSPBOOTADDR defaults to 0x0010 0000 when the Internal Bootloader ROM is used.
or
The DSPBOOTADDR defaults to 0x4200 0000 when EMIFA CS2 Space is used.
For the boot mode selections, see Table 3-5, Non-Fastboot Modes; Table 3-6, Fixed-Multiplier
Fastboot Modes; and Table 3-7, User-Select Multiplier Fastboot Modes.
For Non-Host Boot Modes, software can leave the DSPBOOTADDR register at default.
For Host Boots (PCI Boot or HPI boot), the DSPBOOTADDR register is also used for communication
between the Host and the bootloader code during boot. For Host Boots, the DSPBOOTADDR register
defaults to Internal Bootloader ROM, and the C64x+ CPU is immediately released from reset so that it can
begin executing the bootloader code in this internal ROM. The bootloader code waits for the Host to boot
the device. Once the Host is done booting the device, it must write a new starting address into the
DSPBOOTADDR register, and follow with writing BOOTCMPLT.BC = 1 to indicate the boot is complete.
As soon as the bootloader code detects BOOTCMPLT.BC = 1, it instructs the CPU to jump to this new
DSPBOOTADDR address. At this point, the CPU continues the rest of the code execution starting from
the new DSPBOOTADDR location and the boot is completed.
Submit Documentation Feedback
Device Configurations
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com