Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 91Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 92Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 93Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 306 page
background image
3.4.2.2 BOOTCMPLT Register
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
If the bootloader code detects an error during boot, it records the error status in the Boot Complete
(BOOTCMPLT) register.
In addition, the BOOTCMPLT register is used for communication between the external host and the
bootloader code during a Host Boot (PCI Boot or HPI boot). Once the external host has completed boot, it
must perform the following communication with the bootloader code:
• Write the desired 32-bit CPU starting address in the DSPBOOTADDR register (see Section 3.4.2.3,
DSPBOOTADDR Register).
• Write a ‘1’ to the Boot Complete (BC) bit field in the BOOTCMPLT register to indicate that the host has
completed booting this device.
Once the bootloader code detects BC = 1, it directs the CPU to begin executing from the
DSPBOOTADDR register.
The BOOTCMPLT register is reset by any device-level global reset. For the list of device-level global
resets, see Section 6.5, Reset.
31
20
19
16
RESERVED
ERR
R/W-0000 0000 0000
R/W-0000
15
1
0
RESERVED
BC
R/W- 0000 0000 0000 000
R/W-0
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-4. BOOTCMPLT Register— 0x01C4 000C
Table 3-10. BOOTCMPLT Register Description
Bit
Field Name
Description
31:20
RESERVED Reserved. For proper device operation, the user should only write "0" to these bits.
Boot Error
0000 = No Error (default).
19:16
ERR
0001 - 1111 = bootloader software detected a boot error and aborted the boot. For the error codes, see the
Using the TMS320DM643x DMP Bootloader Application Report (literature number SPRAAG0).
15:1
RESERVED Reserved. For proper device operation, the user should only write "0" to these bits.
Boot Complete Flag from Host
This field is only applicable to Host Boots.
0
BC
0 = Host has not completed booting this device (default).
1 = Host has completed booting this device. DSP can begin executing from the DSPBOOTADDR register
value.
Device Configurations
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com