Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 63Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 64Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 65Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 66Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 67Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 68Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 69Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 70Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-31. Supply Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
L14
U5
P5
V1
P7
V4
P9
V6
P11
V8
P13
V10
R4
V12
R6
V14
R8
V16
1.8 V DDR2 I/O supply voltage
DVDDR2
S
(see the Power-Supply Decoupling section of this data manual)
R10
V18
R12
W7
R14
W9
R16
W11
T5
W17
V1
W19
W18
AA1
W19
AB21
AB22
H7
J10
H9
J11
H11
J12
H13
J13
J8
K9
J10
K14
J12
L9
K7
L13
K9
L14
K11
M9
1.20 V supply voltage (-7/-6/-5/-4/-L/-Q6/-Q5/-Q4 devices)
CVDD
K13
M10
S
1.05 V core supply voltage (-7/-6/-5/-4/-L/-Q5 devices)
(see the Power-Supply Decoupling section of this data manual)
L8
M14
L10
N9
L12
N14
M7
P10
M9
P11
M11
P12
M13
P13
N8
N10
N12
Submit Documentation Feedback
Device Overview
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com