Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 96Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 97Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 98Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 99Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 100Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 101Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 102Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 306 page
background image
HostBlock(27pins)
(A)(C)
PCI(27)
PCIEN=1
HOSTBK=000
GPIO(27)
PCIEN=0
HOSTBK=000
VLYNQ
(10)
GPIO(17)
VLYNQ
(10)
EMAC(15)
MDIO
(2)
PCIEN=0
HOSTBK=001
PCIEN=0
HOSTBK=010
PCIEN=0
HOSTBK=011
PCIEN=0
HOSTBK=100
HPI(26)
GPIO(1)
EMAC(15)
MDIO
(2)
GPIO(10)
GPIOBlock(4pins)
(C)
PCI
(4)
PCIEN=1
GPIO
(4)
PCIEN=0
UART0DataBlock(2pins)
GPIO(2)
UR0DBK=0
UART
Data(2)
UR0DBK=1
UART0FlowControlBlock(2pins)
GPIO(2)
UR0FCBK=00
UART0
FlowCtrl(2)
UR0FCBK=01
PWM0(1)
UR0FCBK=10
GPIO(1)
Timer1Block(2pins)
GPIO(2)
TIM1BK=00
Timer1
(2)
TIM1BK=01
UART1
Data(2)
TIM1BK=10
HECC
(2)
TIM1BK=11
Timer0Block(2pins)
(D)(E)
GPIO(2)
TIM0BK=00
Timer0
(2)
TIM0BK=01
McBSP0
CLKS0(1)
TIM0BK=10
McBSP1
CLKS1(1)
McBSP0
CLKS0(1)
TIM0BK=11
Timer0
TINPOL (1)
PWM1Block(1pin)
GPIO
(1)
PWM1BK=0
PWM1
(1)
PWM1BK=1
CLKOUTBlock(1pin)
GPIO
(1)
CKOBK=00
CLKOUT
(1)
CKOBK=01
PWM2
(1)
CKOBK=10
SerialPortSub-Block0(6pins)
(D)
GPIO(6)
SPBK0=00
McBSP0
(6)
SPBK0=01
McASP0Receive
and3Serializers(6)
SPBK0=10
SerialPortSub-Block1(6pins)
(E)
GPIO(6)
SPBK1=00
McBSP1
(6)
SPBK1=01
McASP0
Transmitand
1Serializer(6)
SPBK1=10
McBSP1
Transmit(3)
SPBK1=11
McASP0
SPDIF(3)
EMIFA/VPSSBlock(61pins)
(A)(B)(C)
8-24b
VPBE
MajorConfig
Option A
8-16b
VPFE
GPIO
8-24b
VPBE
MajorConfig
OptionF
8b
VPFE
GPIO
PCI
8b
VPBE
MajorConfig
OptionB
GPIO
8-16b
VPFE
8bEMIFA
(Async)
Pinout
Mode1
32KB-16MB
perCE
8-16b
VPBE
MajorConfig
OptionC
GPIO
8b
VPFE
8bEMIFA
(Async)
Pinout
Mode3
32KBper
CE
8-16b
VPBE
MajorConfig
OptionD
GPIO
8b
VPFE
8bEMIFA
(NAND)
Pinout
Mode4
8b
VPBE
MajorConfig
OptionE
GPIO
8-16b
VPFE
8bEMIFA
(NAND)
Pinout
Mode5
8b
VPBE
MajorConfig
OptionG
GPIO
8b
VPFE
8bEMIFA
(NAND)
Pinout
Mode5
PCI
PCIDataBlock(3pins)
(C)
PCI(3)
Notmuxed
AEM=000,
PCIEN=0
AEM=001,
PCIEN=0
AEM=011,
PCIEN=0
AEM=100,
PCIEN=0
AEM=101,
PCIEN=0
AEM=000,
PCIEN=1
AEM=101,
PCIEN=1
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
A.
Default settings for PINMUX0 and PINMUX1 registers are underlined.
B.
EMIFA/VPSS Block: shows the Major Config Options based on the AEM and PCIEN settings. Actual pin functions in
the EMIFA/VPSS Block are further determined by other PINMUX fields.
C.
PCI pins span multiple blocks (Host Block, GPIO Block, EMIFA/VPSS Block, and PCI Data Block). For PCI to be
operational, PCI pins must be selected in all of these Pin Mux Blocks. For the EMIFA/VPSS Block, PCI is only
supported if AEM = 000b or 101b.
D.
McBSP0 pins span multiple blocks (Serial Port Sub-Block0 and Timer0 Block). Serial Port Sub-Block0 contains most
of the pins needed for McBSP0 operation. Timer0 Block contains the optional external clock source input CLKS0.
E.
McBSP1 spans multiple blocks (Serial Port Sub-Block1, Timer0 Block). Serial Port Sub-Block1 contains most of the
pins needed for McBSP1 operation. Timer0 Block contains the optional external clock soruce input CLKS1.
Figure 3-11. Pin Mux Block Selection
Device Configurations
100
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com