Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 97Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 98Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 99Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 100Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 101Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 102Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 103Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 104Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 306 page
background image
3.7.1
Pin Muxing Selection At Reset
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
This section summarizes pin mux selection at reset.
The configuration pins AEM[2:0], AEAW[2:0], and PCIEN latched at device reset determine default pin
muxing for the following Pin Mux Blocks:
• EMIFA/VPSS Block: default pin mux determined by AEM[2:0], AEAW[2:0], and PCIEN. After reset,
software may modify settings in the PINMUX0 register to add VPBE and VPFE functionalities
into this block. However, after reset, software is not allowed to modify PINMUX1.PCIEN setting
to change PCI pinout.
–
AEM[2:0] = 000b, AEAW[2:0] = don't care, PCIEN = 0: Major Config Option A is selected. This
block defaults to 61 GPIO pins.
–
AEM[2:0] = 001b, AEAW[2:0] = 000b to 100b, PCIEN = 0: Major Config Option B is selected. This
block defaults to 8-bit EMIFA (Async) Pinout Mode 1, plus 24 to 32 GPIO pins.
–
AEM[2:0] = 011b, AEAW[2:0] = don't care, PCIEN = 0: Major Config Option C is selected. This
block defaults to 8-bit EMIFA (Async) Pinout Mode 3, plus 33 GPIO pins.
–
AEM[2:0] = 100b, AEAW[2:0] = don't care, PCIEN = 0: Major Config Option D is selected. This
block defaults to 8-bit EMIFA (NAND) Pinout Mode 4, plus 47 GPIO pins.
–
AEM[2:0] = 101b, AEAW[2:0] = don't care, PCIEN = 0: Major Config Option E is selected. This
block defaults to 8-bit EMIFA (NAND) Pinout mode 5, plus 47 GPIO pins.
–
AEM[2:0] = 000b, AEAW[2:0] = don't care, PCIEN = 1: Major Config Option F is selected. This
block defaults to PCI pins, plus 45 GPIO pins.
–
AEM[2:0] = 101b, AEAW[2:0] = don't care, PCIEN = 1: Major Config Option G is selected. This
block defaults to 8-bit EMIFA (NAND) Pinout mode 5, PCI pins, plus 31 GPIO pins.
• Host Block: default pin mux determined by PCIEN.
–
PCIEN = 0: the 27 pins in Host Block default to GPIO function. Software may program
PINMUX1.HOSTBK to modify pin functions after reset.
–
PCIEN = 1: the 27 pins in Host Block serve as PCI pins. Software is not allowed to modify this
setting after reset.
• GPIO Block: pin function determined by PCIEN configuration pin.
–
PCIEN = 0: the 4 pins in GPIO Block serve as GPIO pins. Software is not allowed to modify this
setting after reset.
–
PCIEN = 1: the 4 pins in GPIO Block serve as PCI pins. Software is not allowed to modify this
setting after reset.
• PCI Data Block: pin function determined by PCIEN.
–
PCIEN = 0: the 3 pins in PCI Data Block have no function and should be left unconnected.
Software is not allowed to modify this setting after reset.
–
PCIEN = 1: the 3 pins in PCI Data Block serve as PCI pins. Software is not allowed to modify
this setting after reset.
For a description of the PINMUX0 and PINMUX1 registers and more details on pin muxing, see
Section 3.7.2.
Submit Documentation Feedback
Device Configurations
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com